Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 30 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 30 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 34Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
30
www.emmicroelectronic.com
13 STroBe / ReSeT Output
The STB/RST output pin is used to indicate the EM6607 RESET condition as well as write operations to ports B, C and D.
For a PortB, PortC and PortD write operation the STROBE signal goes high for half of the system clock period. Write is
effected on falling edge of the strobe signal and it can this be used to indicate when data changes at the output port pins. In
addition, any EM6607 internal RESET condition is indicated by a continuous high level on STB/RST for the period of the
RESET.
14 Test at EM - Active Supply Current test
For this purpose, five instructions at the end of the ROM will be added.
Testloop:
STI00H, 0AH
LDR
1BH
NXORX
JPZ
Testloop
JMP
00H
To stay in the testloop, these values must be written in the corresponding addresses before jumping in the loop:
1BH:
0101b
32H:
1010b
6EH:
0010b
6FH:
0011b
Free space after last instruction: JMP 00H (0000)
Remark: empty space within the program are filled with NOP (FOFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com