Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 42 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 42 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 46Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
42
www.emmicroelectronic.com
18.5 DC characteristics - Input/Output Pins
Conditions: VDD=1.5V / 3.0V, -20°C <T<85°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Input Low voltage
I/O ports A,B,C,D,E
TEST, Reset
QIN (Note5)
Pin at hi-impedance
VIL
VSS
VSS
VSS
0.3VDD
0.3VDD
0.3VREG
V
V
V
Input High voltage
I/O ports A,B,C,D,E
TEST, Reset
QIN (Note5)
Pin at hi-impedance
VIH
0.7VDD
0.7VDD
0.9VREG
VDD
VDD
VREG
V
V
V
Output Low Current
Port B 18 transistors
VOL = 0.15V, VDD = 1.2V
IOL
3.0
6.0
mA
Output Low Current
Port B 18 transistors
Port B 10 transistors
Port B 4 transistors
Port C,D,E, STRB/RST
VOL = 0.3V, VDD = 1.5V
IOL
9.5
5.0
1.5
1.0
15.0
8.0
3.5
2.5
mA
mA
mA
mA
Output Low Current
Port B 18 transistors
Port B 10 transistors
Port B 4 transistors
Port C,D,E, STRB/RST
VOL = 0.4V, VDD = 3.0V
IOL
23.0
13.0
5.4
5.4
33.0
20.5
8.8
7.8
mA
mA
mA
mA
Output High Current
Port B 24 transistors
VOH = 1.05V, VDD = 1.2V
IOH
-3.5
-2.5
mA
Output High Current
Port B 24 transistors
Port B 14 transistors
Port B 6 transistors
Port C,D,E, STRB/RST
VOH = 1.2V, VDD = 1.5V
IOH
-9.4
-5.0
-2.5
-1.2
-6.0
-3.0
-1.5
-0.6
mA
mA
mA
mA
Output High Current
Port B 24 transistors
Port B 14 transistors
Port B 6 transistors
Port C,D,E, STRB/RST
VOH = 2.5V, VDD = 3.0V
IOH
-33.0
-20.0
-9.0
-4.5
-23.0
-15.0
-3.0
-3.0
mA
mA
mA
mA
Output load on Port B
Capacitor
Resistor
VDD = 3.0V,Port B 18/24
transistors option
with 4 toggling ports.
150
50
nF
Ω
Input pull-down strong
I/O ports A,B,C,D,E (option)
Reset
Test
Pin at VDD = 1.5V, 25°C
RIN
50
50
10
90
110
18
350
200
35
k
Ω
k
Ω
k
Ω
Input pull-down strong
I/O ports A,B,C,D,E (option)
Reset
Test
Pin at VDD = 3.0V, 25°C
RIN
50
50
10
90
110
18
160
200
35
k
Ω
k
Ω
k
Ω
Input pull-down weak
I/O ports A,B,C,D,E (option)
Pin at VDD = 1.5V, 25°C
RIN
80
130
350
k
Ω
Input pull-down weak
I/O ports A,B,C,D,E (option)
Pin at VDD = 3.0V, 25°C
RIN
50
250
600
k
Ω
Input pull-up strong
I/O ports A,B,C,D,E (option)
Pin at VDD = 1.5V, 25°C
RIN
50
100
250
k
Ω
Input pull-up strong
I/O ports A,B,C,D,E (option)
Pin at VDD = 3.0V, 25°C
RIN
50
100
200
k
Ω
Input pull-up weak
I/O ports A,B,C,D,E (option)
Pin at VDD = 1.5V, 25°C
RIN
300
550
1000
k
Ω
Input pull-up weak
I/O ports A,B,C,D,E (option)
Pin at VDD = 3.0V, 25°C
RIN
100
180
400
k
Ω
Note 5: QOUT is used only with crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com