Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 41 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 41 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 45Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
41
www.emmicroelectronic.com
Conditions: VDD=3.0V, T=25°C (note 5) (unless otherwise specified), VREG not shorted to VDD
Parameter
Conditions
Symb.
Min.
Typ.
(note 2)
Max.
Unit
ACTIVE Supply Current
+25°C (note 3)
IVDDa
1.8
3.0
μA
ACTIVE Supply Current
(in active mode)
(note 3) (note 4)
-20°C to +85°C
IVDDa
4.5
μA
STANDBY Supply Current
+25°C
IVDDh
0.5
1.0
μA
STANDBY Supply Current
(in Halt mode)
(note 4)
-20°C to +85°C
IVDDh
1.8
μA
SLEEP Supply Current
+25°C
IVDDs
0.1
0.4
μA
SLEEP Supply Current
(SLEEP =1)
(note 4)
-20°C to +85°C
IVDDs
1.2
μA
POR voltage
VPOR
0.7
1.0
V
RAM data retention
VRD
1.1
V
Regulated Voltage
-20°C to +85°C
VREG
1.10
1.90
V
Note 1
Because of the voltage regulator drop at low voltages VREG = VDD when VDD<1.8V
Note 2: For current measurement typical quartz described in Operating Conditions is used.
All I/O pins without internal Pull Up/Down are pulled to VDD externally.
Note 3: Test loop with successive writing and reading of two different addresses with an inverted
values (five instructions should be reserved for this measurement),
Note 4: NOT tested if delivered in chip form.
Note 5: Test conditions for ACTIVE and STANDBY Supply current mode are: QIN = external
square wave, from rail to rail of VREG (regulated voltage) with 100nF capacitor on VREG.
fQIN = 32kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com