Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
Table 2.
Watchdog register - WD
Bit
Name
Reset
R/W
Description
3
WDRST
-
R/W
Watchdog timer reset
2
Slmask
-
R/W
SLEEP mask bit
1
WD1
0
R
WD Timer data 1/4 Hz
0
WD0
0
R
WD Timer data 1/2 Hz
131H
Table 3 shows the status of different EM6607 blocks in these three main operating modes.
Table 3.
Internal state in Active, Stand-by and Sleep mode
Peripheral
/// EM6607 mode
ACTIVE
mode
STAND-BY
mode
SLEEP
mode
POR (static)
On
On
On
Voltage regulator
On
On
On (Low-Power)
Quartz 32768 Hz oscillator
On
On
Off
Clocks (Prescaler & RC divider)
On
On
Off
CPU
Running
In HALT – Stopped
Stopped
Peripheral register
“On”
“On” retain value
retain value
RAM
“On”
retain value
retain value
Timer/Counter
“On”
“On” if activated before
stopped
Supply Voltage Level Det.=SVLD
can be activated
can not be activated
Off
PortA /C, Reset pad debounced
Yes
Yes
No
Interrupts / events
Yes - possible
Yes - possible
No – not possible
Watch-Dog timer
On / Off (soft selectable)
On / Off (soft selectable)
No
Analogue Watchdog (osc.detect)
On/Off (soft select.)
“On” if activated before
Off
3
Power Supply
The EM6607 is supplied by a single external power supply between VDD and VSS, the circuit reference being at VSS (ground). A
built-in voltage regulator generates VREG providing regulated voltage for the oscillator and internal logic. Output drivers are
supplied directly from the external supply VDD. A typical connection configuration is shown in figure 4.
For VDD less then 1.4V it is recommended that VDD is connected directly to VREG connected
For VDD >1.8V then the configuration shown in
132H
Figure 4 should be used.
*registers are marked in bold and underlined like
IntRq
*Bits/Flags in registers are marked in bold only like
SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com