Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 27 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 27 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 31Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
27
www.emmicroelectronic.com
Figure 14.
Serial write buffer
Table 43.
SWB buffer register - SWbuff
Bit
Name
Reset
R/W
Description
3
Buff3
1
R/W
SWB buffer D3
2
Buff2
1
R/W
SWB buffer D2
1
Buff1
1
R/W
SWB buffer D1
0
Buff0
1
R/W
SWB buffer D0
Table 44.
SWB Low size register - LowSWB
Bit
Name
Reset
R/W
Description
3
Size[3]
0
R/W
Auto mode buffer size bit3
2
Size[2]
0
R/W
Auto mode buffer size bit2
1
Size[1]
0
R/W
Auto mode buffer size bit1
0
Size[0]
0
R/W
Auto mode buffer size bit0
Table 45.
SWB High size register – HighSWB
Bit
Name
Reset
R/W
Description
3
AutoSWB
0
R/W
SWB Automatic mode select
2
StSWB
0
R/W
SWB start interactive mode
1
Size[5]
0
R/W
Auto mode buffer size bit5
0
Size[4]
0
R/W
Auto mode buffer size bit4
The SWB has two operational modes, automatic mode and interactive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com