Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6607 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Ultra-low power microcontroller
with 4 high drive outputs
Features
Low Power
typical 1.8µA active mode
typical 0.5µA standby mode
typical 0.1µA sleep mode
@ 1.5V, 32kHz, 25 °C
Low Voltage 1.2 to 3.3 V
ROM
2k
× 16 (Mask Programmed)
RAM
96
× 4 (User Read/Write)
2 clocks per instruction cycle
RISC architecture
5 software configurable 4-bit ports
1 High drive output port
Up to 20 inputs
(5 ports)
Up to 16 outputs
(4 ports)
buzzer three tone
Serial Write buffer – SWB
Supply Voltage level detection (SVLD).
Analogue and timer watchdog
8 bit timer / event counter
Internal interrupt sources (timer, event counter,
prescaler)
External interrupt sources (portA + portC)
Description
The EM6607 is a single chip low power, mask
programmed CMOS 4-bit microcontroller. It contains
ROM, RAM, watchdog timer, oscillation detection circuit,
combined timer / event counter, prescaler, voltage level
detector and a number of clock functions. Its low voltage
and low power operation make it the most suitable
controller for battery, stand alone and mobile equipment.
The EM6607 microcontroller is manufactured using EM’s
Advanced Low Power CMOS Process.
In 24 Pin package it is direct replacement for EM6603.
Typical Applications
sensor interfaces
domestic appliances
clocks
security systems
bicycle computers
automotive controls
TV & audio remote controls
measurement equipment
R/F and IR. control
motor driving
Figure 1.
Architecture
Core
EM6600
32KHz
Crystal Osc
ROM
2k X 16Bit
RAM
96 X 4Bit
Power
Supply
VLD 3 Levels
8-Bit Event
Count/Timer
Interrupt
Controller
Port A
Power on
Reset
02
13
V
DD
Clk
Port B
02
1
3
Port C
02
1
3
Port D
02
1
3
Port E
02
1
3
High Drive
Outputs
V
REG
V
SS
Watchdog
Timer
3 Tone
Buzzer
Prescaler
Data
Buzzer
Serial Write
Buffer
Figure 2.
Pin Configuration
(TS)SOP-28
EM6680
PB2
PB3
PE1
TEST
QOUT
QIN
VSS
8
9
10
11
12
13
14
20
19
18
17
16
15
27
26
25
24
23
22
28
21
PA0
PA1
PA2
PA3
1
2
3
4
5
6
7
PE0
PB0
PB1
PD0
PE2
PC3
PC2
PC1
PC0
STB/RST
VDD
VREG
RESET
PE3
PD3
PD2
PD1
EM6607
PB3
TEST
QOUT
QIN
VSS
8
9
10
11
12
16
15
14
13
23
22
21
20
19
18
24
17
PA0
PA1
PA2
PA3
1
2
3
4
5
6
7
PB0
PB1
PB2
PC3
PC2
PC1
PC0
STB/RST
VDD
VREG
RESET
PD3
PD2
PD1
PD0
EM6607
(TS)SOP-24
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6607

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
Ultra Low Power Multi I/O Microcontroller
EM6603WP11 EMMICRO-EM6603WP11 Datasheet
669Kb / 39P
Ultra Low Power Multi I/O Microcontroller
EM6603WP27 EMMICRO-EM6603WP27 Datasheet
669Kb / 39P
Ultra Low Power Multi I/O Microcontroller
EM6603WS11 EMMICRO-EM6603WS11 Datasheet
669Kb / 39P
Ultra Low Power Multi I/O Microcontroller
EM6603WS27 EMMICRO-EM6603WS27 Datasheet
669Kb / 39P
Ultra Low Power Multi I/O Microcontroller
More results

Similar Description - EM6607

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
Ultra Low Power Microcontroller with ADC AND EEPROM
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6635 EMMICRO-EM6635 Datasheet
793Kb / 39P
Low Power Microcontroller with RC and 32kHz oscillators and 9 high drive outputs
logo
List of Unclassifed Man...
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100 Datasheet
737Kb / 24P
Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX ONSEMI-AX-SIGFOX Datasheet
388Kb / 30P
Ultra-Low Power Microcontroller
Revision 2
AX8052F100 ONSEMI-AX8052F100_16 Datasheet
283Kb / 22P
Ultra-Low Power Microcontroller
May, 2016 ??Rev. 3
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com