Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 40 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 40 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 36Page - Silicon Laboratories EFP01 Datasheet HTML 37Page - Silicon Laboratories EFP01 Datasheet HTML 38Page - Silicon Laboratories EFP01 Datasheet HTML 39Page - Silicon Laboratories EFP01 Datasheet HTML 40Page - Silicon Laboratories EFP01 Datasheet HTML 41Page - Silicon Laboratories EFP01 Datasheet HTML 42Page - Silicon Laboratories EFP01 Datasheet HTML 43Page - Silicon Laboratories EFP01 Datasheet HTML 44Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 158 page
background image
5.1.3.2 General Operating Conditions
Table 5.3. General Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating junction tempera-
ture
TJ
-G grade devices
-40
—
100
°C
VIO input voltage range
VIOIN
1.7
—
5.5
V
Quiescent current into VDDA
pin
IQ_VDDA
EM0, VDDA=1.8V
—
24
670
nA
EM2, VDDA=1.8V
—
24
670
nA
Quiescent current into VDDB
pin1
IQ_VDDB
EM4, all coarse regulators ena-
bled
—
57
2060
nA
EM0, 1 output enabled
—
800
13080
nA
EM2, 1 output enabled
—
300
12140
nA
EM0, 2 outputs enabled
—
1400
16450
nA
EM2, 2 outputs enabled
—
425
14820
nA
EM0, 3 outputs enabled
—
2000
16940
nA
EM2, 3 outputs enabled
—
525
15080
nA
Bootup time from VDDB ris-
ing above POR threshold un-
til device ready to receive
I2C commands
TBOOT
—
1200
—
µs
Time from EM2 to EM0
TEM2_EM0
Time from EM2 exit until DCDC
enters EM0 mode (i.e, EM0 BIAS,
IPK, and voltage target settings
are applied, but the output voltage
target may still be transitioning if
there was a voltage target change
from EM2 to EM0).
—
0.2
—
µs
Time from EM2 exit until DCDC
enters EM0 mode and EM0 output
target voltage is reached. Buck
Mode, COUT = 2.2 µF, VOB_EM2
= 1.0 V, VOB_EM0 =1 .2 V,
BK_IPK = 16, VDDB = 3.0 V
—
4
—
µs
Time from EM4 to EM2
TEM4_EM2
Time from EM4 exit until until
DCDC begins switching in EM2
mode. During this period, no addi-
tional load should be applied to
the DCDC output
—
50
—
µs
Time from EM4 exit until DCDC
begins switching in EM2 mode
and output target voltage is
reached. Buck Mode, COUT = 10
µF, VDDB = 3.0 V, VOA_V = 2.8
V, BB_IPK_EM2 = 4
—
125
—
µs
Digital IO internal pull-up re-
sistor
RPU
I2C SDA, I2C SCL, and IRQn
—
3.7
—
kΩ
Digital output low voltage
VOL
—
—
VIO*0.3
V
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com