Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 96 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 96 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 92Page - Silicon Laboratories EFP01 Datasheet HTML 93Page - Silicon Laboratories EFP01 Datasheet HTML 94Page - Silicon Laboratories EFP01 Datasheet HTML 95Page - Silicon Laboratories EFP01 Datasheet HTML 96Page - Silicon Laboratories EFP01 Datasheet HTML 97Page - Silicon Laboratories EFP01 Datasheet HTML 98Page - Silicon Laboratories EFP01 Datasheet HTML 99Page - Silicon Laboratories EFP01 Datasheet HTML 100Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 158 page
background image
6.2.3 STATUS_GM
Offset
Bit Position
0x02
7
6
5
4
3
2
1
0
Reset
0
0
0
0
0
0
0
1
Access
Name
Table 6.3. STATUS_GM
Bit
Name
Reset
Access
Description
7
VDD_LOW_UNMASK
0
read-write
Set to unmask VDD Low status flag in the STATUS_G
register.
6
CCC_ISDONE_UNMASK
0
read-write
Set to unmask Coulomb Counting Calibration status flag in
the STATUS_G register.
5
CC_FULL_UNMASK
0
read-write
Set to unmask Coulomb Counting over Threshold status
flag in the STATUS_G register.
4
VOLT_FAULT_UNMASK
0
read-write
Set to unmask Voltage Fault status flag in the STATUS_G
register.
3
TEMP_FAULT_UNMASK
0
read-write
Set to unmask Temperature Fault status flag in the STA-
TUS_G register.
2
I2C_FAULT_UNMASK
0
read-write
Set to unmask I2C Fault status flag in the STATUS_G reg-
ister.
1
OTP_CRC_FAULT_UN-
MASK
0
read-write
Set to unmask OTP CRC violation status flag in the STA-
TUS_G register.
0
OTP_READ_UNMASK
1
read-write
Set to unmask OTP Read status flag in the STATUS_G
register.
This bit is set by default - therefore, every power-up and
reset deassertion (which causes an OTP read), results in
an unmasked flag and the IRQ pin assertion.
It is recommended to keep this flag unmasked always to
ensure that any EFP01 reset will result in an IRQ to the
host MCU, allowing the host MCU to reinitialize any
EFP01 registers.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com