Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 94 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 94 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 90Page - Silicon Laboratories EFP01 Datasheet HTML 91Page - Silicon Laboratories EFP01 Datasheet HTML 92Page - Silicon Laboratories EFP01 Datasheet HTML 93Page - Silicon Laboratories EFP01 Datasheet HTML 94Page - Silicon Laboratories EFP01 Datasheet HTML 95Page - Silicon Laboratories EFP01 Datasheet HTML 96Page - Silicon Laboratories EFP01 Datasheet HTML 97Page - Silicon Laboratories EFP01 Datasheet HTML 98Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 158 page
background image
6.2.2 STATUS_V
Offset
Bit Position
0x01
7
6
5
4
3
2
1
0
Reset
0
0
0
0
0
0
Access
Name
Table 6.2. STATUS_V
Bit
Name
Reset
Access
Description
7:6
RESERVED
0
Reserved. Always write bits to 0.
5
VOC_ISLOW
0
read-write
Status flag indicating the VOC output has transitioned from
in regulation -> out of regulation since last clear.
Can be cleared by writing a "1".
4
VOB_ISLOW
0
read-write
Status flag indicating the VOB output has transitioned from
in regulation -> out of regulation since last clear.
Note that depending on voltage programming, an energy
mode transition from EM2 to EM0 may cause assertion.
Can be cleared by writing a "1".
3
VOA_ISLOW
0
read-write
Status flag indicating the VOA output has transitioned from
in regulation -> out of regulation since last clear.
Can be cleared by writing a "1".
2
VOC_ISGOOD
0
read-write
Status flag indicating the VOC output has transitioned from
out of regulation -> into regulation since last clear. Note
that if an output voltage target change is very small, the
output may never be reported as out of regulation, and this
flag will therefore never be set.
It is recommended to use the STATUS_LIVE.VOC_IN-
REG_LIVE bit instead to determine if the output is in regu-
lation.
Can be cleared by writing a "1".
1
VOB_ISGOOD
0
read-write
Status flag indicating the VOB output has transitioned from
out of regulation -> into regulation since last clear. Note
that when changing the output voltage target, if the change
is very small the output will never be reported as out of
regulation, and this flag will therefore never be set.
It is recommended to use the STATUS_LIVE.VOB_IN-
REG_LIVE bit instead to determine if the output is in regu-
lation.
Can be cleared by writing a "1".
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com