Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 6Page - Silicon Laboratories EFP01 Datasheet HTML 7Page - Silicon Laboratories EFP01 Datasheet HTML 8Page - Silicon Laboratories EFP01 Datasheet HTML 9Page - Silicon Laboratories EFP01 Datasheet HTML 10Page - Silicon Laboratories EFP01 Datasheet HTML 11Page - Silicon Laboratories EFP01 Datasheet HTML 12Page - Silicon Laboratories EFP01 Datasheet HTML 13Page - Silicon Laboratories EFP01 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 158 page
background image
3.2.1.2 Peak Current Configuration
DCDC A has a configurable peak current adjustment set by the BB_IPK and BB_IPK_EM2 fields of the BB_IPK register. The BB_IPK
and BB_IPK_EM2 settings are used differently depending on the operating mode of the DCDC A converter (as shown below), but the
resulting peak currents for all modes are derived from the following base peak current (IPK_BASE) equations.
In EM0, IPK_BASE is determined by: IPK _ BASE = 0.090A + (0.009A × BB _ IPK )
In EM2, IPK_BASE is determined by: IPK _ BASE = 0.090A + 0.009A × (4 × BB _ IPK _ EM 2 + 2)
Typically, the peak current can be lowered in EM2 for greater efficiency. However, unlike DCDC B there is only a single Coulomb coun-
ter for DCDC A that is used in both EM0 and EM2 modes. Therefore, if Coulomb counting is used with DCDC A, BB_IPK_EM2 must be
set such that the peak current in EM2 is the same as the peak current in EM0 to ensure the charge per pulse is the same in both
energy modes. Roughly equivalent peak currents in EM2 and EM0 can be achieved by setting BB_IPK_EM2 = ( BB_IPK - 2 ) / 4.
Note: The Maximum Output Current formulas below provide useful guidance but are not a guarantee of performance. The final authori-
ty for the Maximum Output Current will be the Output Load Current specifications in the Electrical Characteristics tables.
Buck Mode
• Register Programming: BB_CTRL3.BB_MODE = WiredBuck or Autonomous
•
Peak Current
(A) = IPK_BASE + 25ns ×(VDDB-VOA)
L A
• Maximum Output Current (A) = 0.5 × IPK _ BASE
Buck/Boost Mode (NTM Operation)
• Register Programming: BB_CTRL3.BB_MODE = Autonomous
•
Peak Current
(A) = 1.15 × IPK_BASE + 25ns ×VDDB
L A
• Maximum Output Current (A) = 0.5 × 1.15 × IPK _ BASE
Boost Mode (with no peak current adjustment)
• Register Programming: BB_CTRL3.BB_MODE = WiredBoost or Autonomous, BB_CTRL6.BB_IPK_NOADJ = 1
•
Peak Current
(A) = 2.35 × IPK_BASE + 25ns ×VBOOST
L A
•
Maximum Output Current
(A) = efficiency × 0.5 × 2.35 × IPK _BASE × VBOOST
VOA
Boost Mode (with peak current adjustment)
• Register
Programming:
BB_CTRL3.BB_MODE
=
WiredBoost
or
Autonomous,BB_CTRL6.BB_IPK_NOADJ
=
0,
BB_CTRL5.BB_IPK_BOOST_ADJ is programmed as recommended in its register description, ADC_CC_CTRL.ADC_INTERVAL >
0 to enable ADC operations.
• When operating in Boost Mode with peak current adjustment, the peak current will be adjusted to maintain a near constant output
load current over the battery voltage range. Note that peak current adjustment only affects EM0 operation. In EM2, the Boost Mode
(with no peak current adjustment) equations apply.
•
Peak Current
(A) = 2.35 ×MIN(IPK_BASE ×VOA
2 × VBOOST
,
385mA
)+ 25ns ×VBOOST
L A
•
Maximum Output Current
(A) = efficiency × 0.5 × 2.35 × MIN(IPK _BASE × VOA
2 × VBOOST
,
385mA
) × VBOOST
VOA
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com