Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 90 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 90 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 86Page - Silicon Laboratories EFP01 Datasheet HTML 87Page - Silicon Laboratories EFP01 Datasheet HTML 88Page - Silicon Laboratories EFP01 Datasheet HTML 89Page - Silicon Laboratories EFP01 Datasheet HTML 90Page - Silicon Laboratories EFP01 Datasheet HTML 91Page - Silicon Laboratories EFP01 Datasheet HTML 92Page - Silicon Laboratories EFP01 Datasheet HTML 93Page - Silicon Laboratories EFP01 Datasheet HTML 94Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 158 page
background image
6. Register Definitions
6.1 Register Map
Note: Those registers below with a corresponding OTP Address will have their default values automatically overwritten by OTP-pro-
grammed values out of reset. Therefore, the actual values of those registers after reset may differ from the default reset values listed
below. The OTP Defaults table shows the expected value of those registers out of reset.
Address
Name
Access
OTP Address
Description
0x00
STATUS_G
read-write
-
Status Flags
0x01
STATUS_V
read-write
-
Status Flags
0x02
STATUS_GM
read-write
-
Status Flag Unmask
0x03
STATUS_VM
read-write
-
Status Flag Unmask
0x04
STATUS_LIVE
read-only
-
Live Status
0x05
DEVREV_ID
read-only
-
Device Information
0x0A
CC_CAL
read-write
-
Coulomb Counting Configuration
0x0B
OTP_ADDR
read-write
-
OTP Write Address
0x0C
OTP_RDATA
read-only
-
OTP Read Address
0x0E
OTP_STATCTRL
varies
-
OTP Control
0x10
CMD
write-only
-
Command
0x12
CC_MODE
read-only
-
Coulomb Counting Configuration
0x13
CCA_MSBY
read-only
-
VOA Coulomb Counter MS Byte
0x14
CCA_LSBY
read-only
-
VOA Coulomb Counter LS Byte
0x15
CCB0_MSBY
read-only
-
VOB EM0 Coulomb Counter MS Byte
0x16
CCB0_LSBY
read-only
-
VOB EM0 Coulomb Counter LS Byte
0x17
CCB2_MSBY
read-only
-
VOB EM2 Coulomb Counter MS Byte
0x18
CCB2_LSBY
read-only
-
VOB EM2 Coulomb Counter LS Byte
0x19
CCC_MSBY
read-only
-
VOC Coulomb Counter MS Byte
0x1A
CCC_LSBY
read-only
-
VOC Coulomb Counter LS Byte
0x1B
VDD_AVG_MSN
read-only
-
Average Measured VDDA/VDDB Voltage MS Nibble
0x1C
VDD_AVG_LSBY
read-only
-
Average Measured VDDA/VDDB Voltage LS Byte
0x1D
VDD_MIN_MSN
read-only
-
Minimum Measured VDDA/VDDB Voltage MS Nibble
0x1E
VDD_MIN_LSBY
read-only
-
Minimum Measured VDDA/VDDB Voltage LS Byte
0x1F
VDD_MAX_MSN
read-only
-
Maximum Measured VDDA/VDDB Voltage MS Nibble
0x20
VDD_MAX_LSBY
read-only
-
Maximum Measured VDDA/VDDB Voltage LS Byte
0x21
TEMP_MSN
read-only
-
Measured Temperature MS Nibble
0x22
TEMP_LSBY
read-only
-
Measured Temperature LS Byte
0x23
VOA_SW_STAT
read-only
-
Status
0x40
I2C_CTRL
read-write
0x00
I2C Control
0x41
CC_CTRL
read-write
0x01
Coulomb Counting Control
0x43
EM_CRSREG_CTRL
read-write
0x03
Energy Mode Control
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com