Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 45 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 41Page - Silicon Laboratories EFP01 Datasheet HTML 42Page - Silicon Laboratories EFP01 Datasheet HTML 43Page - Silicon Laboratories EFP01 Datasheet HTML 44Page - Silicon Laboratories EFP01 Datasheet HTML 45Page - Silicon Laboratories EFP01 Datasheet HTML 46Page - Silicon Laboratories EFP01 Datasheet HTML 47Page - Silicon Laboratories EFP01 Datasheet HTML 48Page - Silicon Laboratories EFP01 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 158 page
background image
Table 5.5. EFP0101/EFP0102 VOA Output
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Allowed programmable peak
current setting
IPKADJ_RANGE
Buck, EM0, BB_IPK setting
0
—
31
Buck, EM2, BB_IPK_EM2 setting
0
—
7
VDDB input voltage range
VVDDB
Wired buck, input supply connec-
ted to VDDB pin
1.8
—
5.5
V
VDDA input voltage range
VVDDA
Low-voltage circuitry unused
—
GND
—
V
Output programmable volt-
age range
VVOA_RANGE
EFP0101 / EFP0102
1.7
—
3.3
V
Default output voltage
VVOA
EFP0101 / EFP0102
—
1.86
—
V
Output load current1
ILOAD_MAX
Wired buck, BB_IPK = 31, EM0,
VDDB - VOA > 660 mV,
TON_MAX=72,3
150
—
—
mA
Wired buck, BB_IPK_EM2 = 7,
EM2, VDDB - VOA > 660 mV,
TON_MAX = 72,3
20
—
—
mA
Output voltage accuracy
VVOA_ACC
Buck, EM0, 1.8V ≤ VOA ≤ 3.3V,
BB_IPK = 10, ILOAD = 25 mA3
—
1.41
77.6
mV
Buck, EM2, 1.8V ≤ VOA ≤ 3.3V,
BB_IPK = 10, ILOAD = 25 mA3
—
6.8
94.7
mV
DC line regulation
LINEREG
Buck mode3
—
1.40
—
mV/V
Load Transient
VVOA_LOADPULL Buck mode, ILOAD changes be-
tween 10 and 80 mA3
—
3.32
—
mV
DC load regulation
LOADREG
Buck mode3
—
0.07
—
mV/mA
Output voltage range,
Coarse Regulator enabled
VVOA_COARSE
EM4, 0 µA < ILOAD < 100 µA
1.69
—
MIN(3.40,
VDDB)
V
Output load current, Coarse
Regulator enabled
ILOAD_COARSE
EM4, VOA output within
V_VOA_COARSE range
—
—
100
µA
Nominal inductor, 20% toler-
ance
LDCDCA
Wired buck configuration, VDDB -
VOA > 3.0V
—
3.3
—
µH
Wired buck configuration, VDDB -
VOA ≤ 3.0V
—
2.2
—
µH
Startup time from output en-
abled to output within 1% of
final target voltage4
TSTART
Wired buck (VOA), BB_IPK = 18,
ILOAD = 10 mA
—
247
—
µs
Note:
1. Maximum output load current is determined by first measuring the output voltage with a 5mA load. Maximum output load is the
maximum load at which measured output voltage is no lower than 50mV from the original 5mA load measured voltage.
2. With less than 660 mV of headroom in buck mode, TON will be limited and the desired peak current can never be reached, result-
ing in a reduction in output load current. BB_TON_MAX = 7 (2030ns) supports the lowest headroom.
3. Specifications assume minimum headroom requirement has been met if (i.e., VDDB - VOA > 660mV, if operating in buck DCDC
mode, or VDDB - VOA > 365mV, if operating in LDO mode).
4. For converters enabled by default, total startup time will be TSTART + TBOOT (found in the General Operating Conditions table)
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com