Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 35 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 35 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 31Page - Silicon Laboratories EFP01 Datasheet HTML 32Page - Silicon Laboratories EFP01 Datasheet HTML 33Page - Silicon Laboratories EFP01 Datasheet HTML 34Page - Silicon Laboratories EFP01 Datasheet HTML 35Page - Silicon Laboratories EFP01 Datasheet HTML 36Page - Silicon Laboratories EFP01 Datasheet HTML 37Page - Silicon Laboratories EFP01 Datasheet HTML 38Page - Silicon Laboratories EFP01 Datasheet HTML 39Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 158 page
background image
4.1.6 Boost Bootstrap Configuration (EFP0111)
The boost bootstrap configuration is a variant of the wired boost configuration intended primarily to support high impedance batteries,
such as CR2032 lithium coin cells. DCDC A is configured for wired boost with the VOA output voltage set to a high value (e.g., 5.2V),
which in turn is used to supply the VDDB input to DCDC B and LDO C.
Inrush current limiting is enabled by default for DCDC A in order to reduce the impact of the battery's internal impedance. However, due
to the reduced current, the VOA output is poorly regulated and is expected to droop under heavy load. To compensate, a larger reser-
voir output capacitor (≥ 68 µF) is used to help maintain the VOA output. The actual VOA output capacitor size may need to be adjusted
based on the peak output current and duty cycle of the specific application.
The boost bootstrap configuration is suitable for:
• Single lithium (Li/MnO2) CR2032 coin-cells (1.8 to 3.2V)
• Dual alkaline, zinc-carbon or lithium iron-disulfide (Li/FeS2) primary cells, or NiMH/NiCd rechargeable cells (1.6 to 3.6V)
• Single lithium iron phosphate (LiFePO4) rechargeable battery (2.5 to 3.65V)
The supported operating mode settings for each converter in this configuration are shown below:
Table 4.6. Supported Operating Mode Settings
Converter / LDO
Operating Mode Bitfield
Supported Modes
DCDC A
BB_CTRL3.BB_MODE
WiredBoost
DCDC B
BK_CTRL1.BK_MODE
Disabled, BuckOnly, BuckLDO, or LDOOnly
LDO C
LDOC_CTRL.LDOC_ENA_SA
Enabled or Disabled
Typical power supply connections for the boost bootstrap configuration are shown below.
`
VOA
VOC
68µF
2.2µH
2.2µH
VDDB
VOA SW
VOC
LB
LDO C
VOA
Buck
DC-DC B
Boost
DC-DC A
Buck
DC-DC A
VOB
LDO B
LA2
LA1
Low Voltage
VDDA
`
VOB
`
VIO
I2C SDA
I2C SCL
IRQ
Control
0.1µF
10µF
0.1µF
10µF
0.1µF
VIO
0.1µF
`
To Host
MCU
Main
Supply
+
–
VDD
(1.5V–5.5V)
10µF
0.1µF
Value may
depend on peak
load and load
duty cycle
VOC output
capacitors only
required if
enabled
Figure 4.6. Boost Bootstrap Configuration
EFP01 Energy Friendly PMIC Family Data Sheet
Typical Connection Diagrams
silabs.com | Building a more connected world.
Rev. 1.3 | 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com