Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 48 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 48 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 44Page - Silicon Laboratories EFP01 Datasheet HTML 45Page - Silicon Laboratories EFP01 Datasheet HTML 46Page - Silicon Laboratories EFP01 Datasheet HTML 47Page - Silicon Laboratories EFP01 Datasheet HTML 48Page - Silicon Laboratories EFP01 Datasheet HTML 49Page - Silicon Laboratories EFP01 Datasheet HTML 50Page - Silicon Laboratories EFP01 Datasheet HTML 51Page - Silicon Laboratories EFP01 Datasheet HTML 52Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 158 page
background image
Table 5.7. EFP0101/EFP0102 VOC Output
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDDB input voltage range
VVDDB
1.8
—
5.5
V
Output programmable range VVOC_RANGE
1.7
—
3.3
V
Default output voltage
VVOC
EFP0101
—
1.87
—
V
EFP0102
—
1.87
—
V
Output load current1
ILOAD_MAX
EM2, LDOC_IGAIN = 15, VDDB-
VOC > 365mV2,3
20
—
—
mA
EM0, LDOC_IGAIN = 15, VDDB-
VOC > 365mV2,3
150
—
—
mA
LDO dropout voltage (head-
room required to ensure out-
put in regulation)
VDROPOUT
VOC = 1.8V, ILOAD = 10 mA
—
20
—
mV
VOC = 1.8V, ILOAD = 150 mA
—
—
365
mV
Output voltage accuracy
VVOC_ACC
EM2, VOC ≥ 1.8V, ILOAD = 25
mA2
—
6.6
69.8
mV
EM0, VOC ≥ 1.8V, ILOAD = 25
mA2
—
-1.8
48.7
mV
Load Transient
VVOC_LOADPULL ILOAD changes between 10 and
80 mA2
—
0.774
—
mV
DC line regulation
LINEREG
2
—
2.6
—
mV/V
DC load regulation
LOADREG
2
—
0.13
—
mV/mA
Output voltage range, coarse
Regulator enabled
VVOC_COARSE
EM4, 0 µA < ILOAD < 100 µA
1.69
—
MIN(3.40,
VDDB)
V
Output load current, coarse
Regulator enabled
ILOAD_COARSE
EM4, VOC output within
V_VOC_COARSE range
—
—
100
µA
Startup time from output en-
abled to output within 1% of
final target voltage4
TSTART
LDO C (VOC), LDOC_IGAIN =
12, ILOAD = 10 mA
—
259
—
µs
Note:
1. Maximum output load current is determined by first measuring the output voltage with a 5mA load. Maximum output load is the
the maximum load at which measured output voltage is no lower than 50mV from the original 5mA load measured voltage.
2. Specifications assume minimum LDO dropout requirement has been met (i.e., VDDB - VOC > 365mV)
3. In Single-Cell Boost and Boost Bootstrap configurations (e.g., EFP0108 and EFP0111), the LDO C input (VDDB) is powered by
the DCDC A output (VOA). Therefore, the maximum output current of LDO C will also be limited by the maximum output current
of the DCDC A converter.
4. For converters enabled by default, total startup time will be TSTART + TBOOT (found in the General Operating Conditions table)
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com