Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 91 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 91 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 87Page - Silicon Laboratories EFP01 Datasheet HTML 88Page - Silicon Laboratories EFP01 Datasheet HTML 89Page - Silicon Laboratories EFP01 Datasheet HTML 90Page - Silicon Laboratories EFP01 Datasheet HTML 91Page - Silicon Laboratories EFP01 Datasheet HTML 92Page - Silicon Laboratories EFP01 Datasheet HTML 93Page - Silicon Laboratories EFP01 Datasheet HTML 94Page - Silicon Laboratories EFP01 Datasheet HTML 95Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 158 page
background image
Address
Name
Access
OTP Address
Description
0x49
VOA_V
read-write
0x09
VOA Target Voltage
0x4B
VOC_V
read-write
0x0B
VOC Target Voltage
0x4C
VOB_EM0_V
read-write
0x0C
VOB EM0 Target Voltage
0x4D
VOB_EM2_V
read-write
0x0D
VOB EM2 Target Voltage
0x4E
BIAS_SW
read-write
0x0E
Bias Control
0x4F
BB_IPK
read-write
0x0F
DCDC A Control
0x50
BB_CTRL3
read-write
0x10
DCDC A Control
0x51
BB_CTRL5
read-write
0x11
DCDC A Control
0x52
BB_CTRL6
read-write
0x12
DCDC A Control
0x53
LDOB_CTRL
read-write
0x13
LDO B Control
0x54
LDOC_CTRL
read-write
0x14
LDO C Control
0x55
LDOC_BB_CTRL
read-write
0x15
LDO C / DCDC A Control
0x56
BK_CTRL0
read-write
0x16
DCDC B Control
0x57
BK_CTRL1
read-write
0x17
DCDC B Control
0x58
BK_IPK
read-write
0x18
DCDC B Control
0x59
BK_CTRL2
read-write
0x19
DCDC B Control
0x5C
ADC_CC_CTRL
read-write
0x1C
ADC Control
0x5D
ADC_LIMITS
read-write
0x1D
ADC Limits
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com