Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 24 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 20Page - Silicon Laboratories EFP01 Datasheet HTML 21Page - Silicon Laboratories EFP01 Datasheet HTML 22Page - Silicon Laboratories EFP01 Datasheet HTML 23Page - Silicon Laboratories EFP01 Datasheet HTML 24Page - Silicon Laboratories EFP01 Datasheet HTML 25Page - Silicon Laboratories EFP01 Datasheet HTML 26Page - Silicon Laboratories EFP01 Datasheet HTML 27Page - Silicon Laboratories EFP01 Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 158 page
background image
3.3.4 EM4
In EM4, the EFP01 disables all enabled DCDCs and LDOs, and enables any desired coarse regulators (i.e., those with their
CRSREG_EN_x bits set in the EM_CRSREG_CTRL register). ADC voltage and temperature measurements are disabled in EM4. Cou-
lomb counting is not supported in EM4.
While in EM4, the EFP01's registers can be read or written via I2C transactions, but the EFP01 will not generate any IRQs in EM4.
Several device configurations have restrictions on EM4 operation:
• In Figure 4.4 Single-Cell Boost Configuration on page 33, EM4 is not supported at all.
• In Figure 4.6 Boost Bootstrap Configuration on page 35, EM4 is supported only when the supply voltage > 2.5V
Note: Unless the host processor has dedicated EM4 hardware support for 3.3.1.2 Direct Mode Control, EM4 should not be used. Once
the EFP01 is in EM4, it is only able to source 100 μA per output, which may not be sufficient to power the host while it exits EM4 and
sends the necessary I2C command to place the EFP01 in EM2 or EM0. Dedicated EFP01 EM4 hardware support is available on
EFR32xG22 and later devices.
3.4 Measurement
3.4.1 Coulomb Counter
Note:
Refer to AN1188: EFP01 Coulomb Counting for a more detailed discussion of the Coulomb counter and example code.
The EFP01 has an integrated Coulomb counter that can losslessly measure the charge drawn from the battery for each DCDC and
LDO.
Before normal operation can begin, the Coulomb counter must go through a calibration phase. Periodically, recalibration may be neces-
sary due to changes in operating conditions (e.g., battery voltage or operating temperature).
3.4.1.1 Calibration
Overview
During calibration, a known internal current load is applied to the selected output, and the device counts the number of 10 MHz clock
cycles required for a fixed number of pulse-frequency modulation (PFM) pulses to occur. The CC_CAL register CCL_SEL,
CC_CAL_NREQ, and CCL_LVL fields respectively determine the output used (VOA, VOB, or VOC), the number of PFM pulses to
count, and the current load applied to the output. The CCC_MSBY and CCC_LSBY registers are retasked during calibration to store the
resulting number of 10 MHz clock cycles counted (note that only the CCC_MSBY and CCC_LSBY registers are used regardless of
which output is being calibrated). Based on these results, the charge-per-pulse (CPP) can be determined.
After configuration, calibration is initiated by setting the CC_CAL_STRT bit in the CMD register. If enabled, the Coulomb counter should
be disabled prior to calibration by setting writing a 0 to the CC_EN bit in the CC_CTRL register.
For accurate calibration, any devices or loads powered by the EFP01's outputs are expected to be in a stable, steady-state of operation
during this calibration phase. In practice, occasional recalibration of the Coulomb counter is expected, particularly when either the input
voltage or the temperature has changed significantly.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com