Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 2 Page - Silicon Laboratories

  EFP01 Datasheet HTML 1Page - Silicon Laboratories EFP01 Datasheet HTML 2Page - Silicon Laboratories EFP01 Datasheet HTML 3Page - Silicon Laboratories EFP01 Datasheet HTML 4Page - Silicon Laboratories EFP01 Datasheet HTML 5Page - Silicon Laboratories EFP01 Datasheet HTML 6Page - Silicon Laboratories EFP01 Datasheet HTML 7Page - Silicon Laboratories EFP01 Datasheet HTML 8Page - Silicon Laboratories EFP01 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 158 page
background image
1. Feature List
The EFP01 highlighted features are listed below.
• VOA
• Output Voltage: 1.7 V to 5.2 V
• DCDC A can be configured in Buck/Boost, Buck-only, or
Boost-only
• DCDC A output be combined with the VOC linear regulator
for more efficient regulation as the input voltage approaches
the output voltage
• Firmware-programmable switched output (VOA_SW) allows
complete powerdown of high leakage external circuitry in
low power modes
• VOB
• Output Voltage:
• 0.8 V to 3.3 V (EFP0101/03/06/09/11)
• 0.8 V to 1.26 V (EFP0102/04/07/08/10)
• DCDC B can be used only in Buck configuration
• Dedicated internal linear regulator in parallel provides more
efficient regulation as the input voltage approaches the out-
put voltage
• VOC
• Output Voltage: 1.7 V to 3.3 V
• Linear regulator only
• Can be used either to create an independent third output
supply or in conjunction with DCDC A
• Coulomb Counter
• Lossless (i.e. no sense resistor) measurement of charge in-
to the load
• Communication & Control
• Fully configurable I2C
• Direct Mode supports fast transitions between energy
modes
• IRQ pin to notify host processor
• Ultra-low EM2 Quiescent Current
• 150 nA with no outputs enabled
• 300 nA with a single output enabled
• +125 nA for each additional output enabled
• Safety
• Programmable inrush current
• Short-circuit tolerant outputs
• Under-voltage lock-out (UVLO) circuitry holds device in low-
est power reset state when VDDB is below 1.2 V
• Over-temperature monitoring and IRQ assertion
• Wide Operating Range
• 0.8 V to 5.5 V input power supply
• -40 to 100 °C junction temperature
• QFN20 3x3 mm Package
EFP01 Energy Friendly PMIC Family Data Sheet
Feature List
silabs.com | Building a more connected world.
Rev. 1.3 | 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com