Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 23 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 19Page - Silicon Laboratories EFP01 Datasheet HTML 20Page - Silicon Laboratories EFP01 Datasheet HTML 21Page - Silicon Laboratories EFP01 Datasheet HTML 22Page - Silicon Laboratories EFP01 Datasheet HTML 23Page - Silicon Laboratories EFP01 Datasheet HTML 24Page - Silicon Laboratories EFP01 Datasheet HTML 25Page - Silicon Laboratories EFP01 Datasheet HTML 26Page - Silicon Laboratories EFP01 Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 158 page
background image
3.3.1.2 Direct Mode Control
In direct mode, the internal pull-ups on the I2C_SDA and I2C_SCL pins are disabled, and the pins become high-impedance inputs that
the host processor can drive to quickly change energy modes.
Once enabled by setting the EM_DIRECTEN bit in the EM_CRSREG_CTRl register, direct mode allows the energy mode to be selec-
ted by driving the I2C_SDA and I2C_SCL pins according to Table 3.9 Direct Mode Energy Mode States on page 23. When I2C_SCL
and I2C_SDA enter the I2C Start Condition, direct mode is automatically disabled, and the EFP01 optionally enters EM0 if
FORCE_EM0 = 1 in the EM_CRSREG_CTRL register.
Note: Use of Direct Mode is not recommended unless the host processor has dedicated hardware support for EFP01 (e.g.,
EFR32xG22 and later devices). Although Direct Mode state control can be bit-banged, there can be some undesireable side effects.
For example, if the host processor receives a system reset (hard or soft) while in the Direct Mode EM0 or EM2 state, the host's I2C
outputs can be disabled and can float to logic low levels (because the EFP01's internal pull-ups are disabled in Direct Mode). Because
I2C_SCL = I2C_SDA = 0 is recognized by EFP01 as the EM4 state in Direct Mode, EFP01 disables its DCDC converters and LDO
outputs and enters EM4 where it can only supply ~100 μA. This low current output is insufficient for a host processor to boot, resulting
in an unusable state from which recovery is not possible without disconnecting and then reconnecting the power supply.
Note: Direct Mode is primarily intended for applications where the EFP01 is the only device on the I2C bus; other I2C devices may not
tolerate the non-standard I2C states used by Direct Mode.
Table 3.9. Direct Mode Energy Mode States
Direct Mode State
I2C_SCL Level
I2C_SDA Level
Allowed State Transitions
EM0
1
1
• EM21
• I2C Start Condition
EM2
0
1
• EM0
• EM4
EM4
0
0
• EM21
I2C Start Condition
1
0
• EM02
Note:
1. Direct mode transitions between EM0 and EM4 are not allowed. The system must briefly go through the EM2 state on EM4 exit or
entrance.
2. If the FORCE_EM0 bit in the EM_CRSREG_CTRL register is set, the internal device state will be set to EM0 automatically when-
ever the I2C start condition appears.
3.3.2 EM0
The EFP01 defaults to EM0 out of reset. In EM0, all features are enabled, and the maximum output current can be supported on any
enabled DCDC converters.
3.3.3 EM2
Functionally, EM2 is very similar to EM0, with the proviso that in EM2 bias currents are reduced for improved efficiency at the expense
of maximum supported output current.
DCDC A and DCDC B have independent peak current configuration bit fields for EM2 (in BB_IPK_EM2 and BK_IPK_EM2, respective-
ly). In addition, the VOB output target voltage has its own independent configuration in EM2 (VOB_EM2_V).
DCDC B has an independent result register for storing the Coulomb counter result in EM2 (CCB2_MSBY/LSBY). However, DCDC A
shares one set of registers for Coulomb counting in both EM0 and EM2. Because of this, DCDC A must should use the same peak
current setting in both EM0 and EM2 in order for the Coulomb count to be accurate.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com