Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 4Page - Silicon Laboratories EFP01 Datasheet HTML 5Page - Silicon Laboratories EFP01 Datasheet HTML 6Page - Silicon Laboratories EFP01 Datasheet HTML 7Page - Silicon Laboratories EFP01 Datasheet HTML 8Page - Silicon Laboratories EFP01 Datasheet HTML 9Page - Silicon Laboratories EFP01 Datasheet HTML 10Page - Silicon Laboratories EFP01 Datasheet HTML 11Page - Silicon Laboratories EFP01 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 158 page
background image
Table 3.1. OPN-Specific Features
OPN
Supported
Input Volt-
age Range
VOA Out-
put at
Startup
VOA
DCDC
Mode at
Startup
VOB Out-
put at
Startup
VOB Pro-
gramma-
ble Range
VOC Out-
put at
Startup
EM4 Sup-
port
Battery
Voltage
Monitor-
ing
EFP0101
Wired Buck
1.8 V-5.5 V
1.860 V
Wired Buck 1.858 V
0.8 V -3.3
V
1.870 V
Supported
Yes, on
VDDB
EFP0102
Wired Buck
1.8 V-5.5 V
1.860 V
Wired Buck OFF
0.8 V -1.26
V
1.870 V
Supported,
VOB
Coarse
Regulator
disabled
Yes, on
VDDB
EFP0103
Wired Buck with LDO C
1.8 V-5.5 V
1.860 V
Wired Buck
with LDO
1.858 V
0.8 V -3.3
V
Not availa-
ble (Paired
with VOA)
Supported
Yes, on
VDDB
EFP0104
Wired Buck with LDO C
1.8 V-5.5 V
1.860 V
Wired Buck
with LDO
OFF
0.8 V -1.26
V
Not availa-
ble (Paired
with VOA)
Supported,
VOB
Coarse
Regulator
disabled
Yes, on
VDDB
EFP0106
Buck/Boost
1.8 V-5.5 V
1.860 V
Buck/Boost 1.858 V
0.8 V -3.3
V
1.870 V
Supported
Yes, on
VDDB
EFP0107
Buck/Boost
1.8 V-5.5 V
1.860 V
Buck/Boost OFF
0.8 V -1.26
V
1.870 V
Supported,
VOB
Coarse
Regulator
disabled
Yes, on
VDDB
EFP0108
Single-Cell Boost
0.8 V-1.8 V
1.860 V
Wired
Boost
OFF
0.8 V -1.26
V
OFF
Not sup-
ported
Yes, on
VDDA
EFP0109
Wired Boost
1.8 V-3.6 V
3.327 V
Wired
Boost
1.858 V
0.8 V -3.3
V
1.870 V
Supported
Yes, on
VDDB
EFP0110
Wired Boost
1.8 V-3.6 V
3.327 V
Wired
Boost
OFF
0.8 V -1.26
V
1.870 V
Supported,
VOB
Coarse
Regulator
disabled
Yes, on
VDDB
EFP0111
Boost Bootstrap
1.5 V-5.5 V
(after start-
up),
2.5V-5.5V
(at startup)
5.222 V
Wired
Boost, Cur-
rent Limi-
ted Ena-
bled
1.858 V
0.8 V -3.3
V
1.870 V
Supported
when sup-
ply voltage
>= 2.5V.
Not sup-
ported
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com