Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 29 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 25Page - Silicon Laboratories EFP01 Datasheet HTML 26Page - Silicon Laboratories EFP01 Datasheet HTML 27Page - Silicon Laboratories EFP01 Datasheet HTML 28Page - Silicon Laboratories EFP01 Datasheet HTML 29Page - Silicon Laboratories EFP01 Datasheet HTML 30Page - Silicon Laboratories EFP01 Datasheet HTML 31Page - Silicon Laboratories EFP01 Datasheet HTML 32Page - Silicon Laboratories EFP01 Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 158 page
background image
3.7.4 Short Circuit Tolerance
The PFM operation of the DCDC converters along with the programmable peak current limit provide some inherent protection against
an output short circuit. In the buck or buck/boost configuration, any output short condition will result in that DCDC output dropping out of
regulation, with a maximum output current that is approximately IPK_BASE/2 (where IPK_BASE is defined for for DCDC A in
3.2.1.2 Peak Current Configuration and DCDC B in 3.2.2.2 Peak Current Configuration).
Similarly, LDO C and LDO B under an output short condition are limited to the configured maximum output current (as defined in
3.2.3.3 Maximum Output Current).
Note: Depending on the converter programming, an output short circuit condition for either the DCDC or the LDO output current may
still result in an unacceptable rise in on-die temperature. To minimize on-die temperature rise, the PCB designer should maximize ther-
mal connections from the package to the PCB ground planes to optimize heat flow from the package and minimize the θJA.
Note: There is no inherent output short circuit protection for DCDC A when it is configured in wired boost mode as described in the
4.1.5 Wired Boost Configuration (EFP0109 & EFP0110), 4.1.4 Single-Cell Boost Configuration (EFP0108), or 4.1.6 Boost Bootstrap
Configuration (EFP0111). Shorting the VOA output to ground in one of these configurations will result in an uncontrolled battery dis-
charge through the body diode in the boost powertrain PFET. The current, in this case, is limited only by the system impedances, such
as the internal body diode resistance, the inductor resistance, and the battery internal resistance. Any desired short circuit protection for
wired boost modes must be implemented in external circuitry.
Firmware can detect and manage an output short condition through the following mechanisms:
• An output short should cause the output to drop out of regulation, resulting in the corresponding VOx_ISLOW flag being set in the
STATUS_V register.
• In the worst case, where the output short current has resulted in excessive on-chip power dissapation, the TEMP_FAULT flag in the
STATUS_G register will be set to indicate an over temperature condition.
It is recommended that firmware unmask these bits in the STATUS_VM and STATUS_GM registers at start-up so that they can gener-
ate interrupt requests. Firmware can then respond appropriately to the VOx_ISLOW and/or TEMP_FAULT condition(s), e.g. by lowering
the peak current or LDOx_IGAIN setting, increasing the inrush current limit, or disabling the output altogether.
3.8 Startup & Shutdown Behavior
3.8.1 Startup Behavior
Once enabled, the EFP01's DCDC and LDO outputs will immediately begin switching to ramp up to the target output voltage without
any soft-start mechanisms (besides the current limit, if enabled, for DCDC A or DCDC B).
3.8.2 Shutdown Behavior
The outputs of all disabled DCDCs and LDOs are held in a high-impedance state. Note that if an output was first enabled, and then
disabled, the original output voltage may be retained by the output capacitor(s) for a long period of time depending on output load cur-
rent.
When the DCDC A converter is disabled on devices configured for the Wired Boost, Single-Cell Boost, or Boost Bootstrap configura-
tions, the body diode in the boost powertrain becomes forward-biased once the VOA output voltage drops below the battery voltage. In
these configurations, the VOA output (less a diode drop) tracks the battery voltage when DCDC A is disabled.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com