Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 1 Page - Silicon Laboratories

  EFP01 Datasheet HTML 1Page - Silicon Laboratories EFP01 Datasheet HTML 2Page - Silicon Laboratories EFP01 Datasheet HTML 3Page - Silicon Laboratories EFP01 Datasheet HTML 4Page - Silicon Laboratories EFP01 Datasheet HTML 5Page - Silicon Laboratories EFP01 Datasheet HTML 6Page - Silicon Laboratories EFP01 Datasheet HTML 7Page - Silicon Laboratories EFP01 Datasheet HTML 8Page - Silicon Laboratories EFP01 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 158 page
background image
EFP01 Energy Friendly PMIC Family Data
Sheet
The EFP01 Energy Friendly Power Management IC (PMIC) is an
extremely flexible, highly efficient, multi-output power management
IC, providing complete system power and primary cell battery Cou-
lomb counting for EFM32 and EFR32 devices. The EFP01 can op-
erate over a wide input voltage range (0.8 to 5.5 V) with quiescent
current as low as 300 nA (EM2 mode, single output enabled).
EFP01 can be configured to support the following battery types:
• Single alkaline (Zn/MnO2), zinc-carbon or lithium iron-disulfide (Li/FeS2) primary cells,
or NiMH/NiCd rechargeable cells (0.8 to 1.8 V)
• Dual alkaline, zinc-carbon or lithium iron-disulfide (Li/FeS2) primary cells, or NiMH/
NiCd rechargeable cells (1.6 to 3.6 V)
• Single lithium (Li/MnO2) primary cells (1.8 to 3.2 V)
• Single lithium thionyl chloride (Li/SOCl2) primary cell (3.0 to 3.65 V)
• Single lithium ion/lithium polymer (typically LiCoO2) rechargeable batteries (2.7 to
4.35 V)
• Single lithium iron phosphate (LiFePO4) rechargeable battery (2.5 to 3.65 V)
• USB (< 5.5 V)
ENERGY FRIENDLY FEATURES
• Provides 4 supply outputs:
• One Buck/Boost DC-DC Converter
• One Buck-only DC-DC Converter +
LDO
• One LDO
• One Switched Output
• Up to 94% efficiency
EFP01 applications include the following:
• IoT Sensors and End Devices
• Metering
• Home and Building Automation and Security
• Health and Wellness
• Wearables
• Smart Accessories
• Human Interface Devices
silabs.com | Building a more connected world.
Rev. 1.3


Similar Part No. - EFP01

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EFP ECE-EFP Datasheet
182Kb / 5P
HIGH CURRENT MULTILAYER CHIP BEADS
logo
Structured Cable Produc...
EFP-998-LSZH STRUCTURED-CABLE-EFP-998-LSZH Datasheet
741Kb / 2P
SCP-EasyFiber™ Multi-Mode Patch Cables
10/23
EFP-998-P STRUCTURED-CABLE-EFP-998-P Datasheet
750Kb / 2P
SCP-EasyFiber™ Multi-Mode Patch Cables
10/23
EFP-998MF-LSZH STRUCTURED-CABLE-EFP-998MF-LSZH Datasheet
2Mb / 2P
SCP-EasyFiber™ Multi-Mode Patch Cables
10/23
EFP-998MF-P STRUCTURED-CABLE-EFP-998MF-P Datasheet
2Mb / 2P
SCP-EasyFiber™ Multi-Mode Patch Cables
10/23
More results

Similar Description - EFP01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Cypress Semiconductor
MB39C811 CYPRESS-MB39C811 Datasheet
2Mb / 36P
Ultra Low Power Buck PMIC Solar/Vibrations Energy Harvesting
S6AE101A CYPRESS-S6AE101A Datasheet
910Kb / 23P
Energy Harvesting PMIC for Wireless Sensor Node
logo
Texas Instruments
TPS6508700 TI1-TPS6508700 Datasheet
2Mb / 100P
PMIC for AMD Family 17h Models 10h-1Fh Processors
logo
Cypress Semiconductor
S6AE102A CYPRESS-S6AE102A Datasheet
2Mb / 36P
Energy Harvesting PMIC for Wireless Sensor Node
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com