Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 5Page - Silicon Laboratories EFP01 Datasheet HTML 6Page - Silicon Laboratories EFP01 Datasheet HTML 7Page - Silicon Laboratories EFP01 Datasheet HTML 8Page - Silicon Laboratories EFP01 Datasheet HTML 9Page - Silicon Laboratories EFP01 Datasheet HTML 10Page - Silicon Laboratories EFP01 Datasheet HTML 11Page - Silicon Laboratories EFP01 Datasheet HTML 12Page - Silicon Laboratories EFP01 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 158 page
background image
3.2 Power
The EFP01 can provide up to three voltage rails for EFR32 and EFM32 devices from a single input supply voltage.
The EFP01 has two independent DCDC converters: DCDC A and DCDC B, each requiring an external inductor. DCDC A can use buck/
boost, wired buck, or wired boost configurations, while DCDC B only supports buck configuration.
In addition, the EFP01 has two integrated LDOs supplied from the VDDB pin: LDO B and LDO C. LDO B is internally wired in parallel
with DCDC B. LDO C can be used independently or externally wired in parallel with DCDC A.
Finally, each EFP01 output (VOA, VOB, VOC) has its own coarse regulator in parallel for use in EM4. The coarse regulators have very
low quiescent current draw, but have poor output regulation (e.g., the output may range from ~1.7 to 3.4 V) and can only support very
light loads (~100 μA).
The EFP01 Configuration Tool in Simplicity Studio can generate recommended settings and a configuration header file to simplify de-
velopment.
3.2.1 DCDC A Overview
The EFP01's DCDC A can be configured for buck/boost, wired buck, or wired boost modes.
Table 3.2. DCDC A Configuration and Modes Summary
Hardware Configuration
DCDC A Operat-
ing Mode
Required Register Setting
Compatible OPNs
Buck
Wired Buck
BB_CTRL3.BB_MODE = 6
EFP0101 / EFP0102
Buck with LDO
Wired Buck with
LDO
BB_CTRL3.BB_MODE = 5
EFP0103 / EFP0104
Buck/Boost
Autonomous
(Buck/Boost)
BB_CTRL3.BB_MODE = 1 (typi-
cally)
EFP0106 / EFP0107
Single-Cell Boost
Wired Boost
BB_CTRL3.BB_MODE = 7
EFP0108
Wired Boost
Wired Boost
BB_CTRL3.BB_MODE = 7
EFP0109 / EFP0110
Boost Bootstrap
Wired Boost
BB_CTRL3.BB_MODE = 7
EFP0111
3.2.1.1 Output Voltage Configuration
The DCDC A output target voltage is set by the VOA_V register according to the below equation:
VOA (V ) = 1.7374V + (VOA_V × 0.0306V )
Unlike DCDC B, there is only a single VOA output voltage register that is used in both EM0 and EM2 modes.
Note that in Boost modes it is possible to program the VOA output voltage to a voltage higher than the Maximum Output Voltage in the
Electrical Characteristics table. Firmware should ensure that the Maximum Output Voltage isn't exceeded.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com