Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 3Page - Silicon Laboratories EFP01 Datasheet HTML 4Page - Silicon Laboratories EFP01 Datasheet HTML 5Page - Silicon Laboratories EFP01 Datasheet HTML 6Page - Silicon Laboratories EFP01 Datasheet HTML 7Page - Silicon Laboratories EFP01 Datasheet HTML 8Page - Silicon Laboratories EFP01 Datasheet HTML 9Page - Silicon Laboratories EFP01 Datasheet HTML 10Page - Silicon Laboratories EFP01 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 158 page
background image
3. System Overview
3.1 Introduction
The EFP01 Energy Friendly PMIC product family is designed to support a range of battery-powered applications, as well as other sys-
tems requiring high performance and low energy consumption.
A block diagram of the EFP01 family is shown in Figure 3.1 EFP01 Block Diagram on page 7. The diagram shows a superset of
features available on the family, which vary by part number. For more information about specific device features, consult Ordering Infor-
mation.
Memory
DC-DC B
DC-DC A
Buck
Boost
Buck
VOA
VOA_SW
VOC
VOB
LB
LA2
LA1
VDDA
VDDB
ADC
VDDA
Internal
Reference
I2C_SCL
VIO
VDDB
I2C_SDA
IRQ
Digital
Peripherals
I2C
IRQ
Registers
OTP
Coulomb
Counter
GND
Low Voltage
Circuitry
LDO B
Coarse LDO A
C
O
M
M
O
N
B
U
S
LDO C
Coarse LDO C
Coarse LDO B
Temp
Sensor
Under-Voltage
Lockout & POR
Pad
Drivers
Figure 3.1. EFP01 Block Diagram
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com