Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 65 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 65 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 61Page - Silicon Laboratories EFP01 Datasheet HTML 62Page - Silicon Laboratories EFP01 Datasheet HTML 63Page - Silicon Laboratories EFP01 Datasheet HTML 64Page - Silicon Laboratories EFP01 Datasheet HTML 65Page - Silicon Laboratories EFP01 Datasheet HTML 66Page - Silicon Laboratories EFP01 Datasheet HTML 67Page - Silicon Laboratories EFP01 Datasheet HTML 68Page - Silicon Laboratories EFP01 Datasheet HTML 69Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 158 page
background image
Table 5.16. EFP0109/EFP0120 VOA Output
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Allowed programmable peak
current setting
IPKADJ_RANGE
Wired boost, EM0, VOA ≤ 3.3V,
BB_IPK setting
0
—
31
Wired boost, EM2, VOA ≤ 3.3V,
BB_IPK_EM2 setting
0
—
7
VBOOST input voltage
range1
VVBOOST
EFP0109 / EFP0110
1.8
—
MIN(3.6,
VOA+0.3)
V
VDDA input voltage range
VVDDA
Low-voltage circuitry unused
—
GND
—
V
VDDB input voltage range
VVDDB
Wired boost, input supply connec-
ted to VDDB pin2
1.8
—
3.6
V
Output programmable volt-
age range
VVOA_RANGE
EFP0109 / EFP0110
1.7
—
3.3
V
Default output voltage
VVOA
EFP0109 / EFP0110
—
3.327
—
V
Output load current3
ILOAD_MAX
Wired boost, BB_IPK = 31, EM0,
VOA=3.0V
90
—
—
mA
Wired boost, BB_IPK_EM2 = 3,
EM2, VOA=3.0V
20
—
—
mA
Output voltage accuracy
VVOA_ACC
Boost mode, EM0, 1.8V ≤ VOA ≤
3.3V, BB_IPK = 10, ILOAD = 25
mA
—
1.41
77.6
mV
Boost mode, EM2, 1.8V ≤ VOA ≤
3.3V, BB_IPK = 10, ILOAD = 25
mA
—
6.8
94.7
mV
DC line regulation
LINEREG
Boost mode
—
1.44
—
mV/V
DC load regulation
LOADREG
Boost mode
—
0.181
—
mV/mA
Output voltage range,
Coarse Regulator enabled
VVOA_COARSE
EM4, 0 µA < ILOAD < 100 µA
1.69
—
MIN(3.40,
VDDB)
V
Output load current, Coarse
Regulator enabled
ILOAD_COARSE
EM4, VOA output within
V_VOA_COARSE range
—
—
100
µA
Nominal inductor, 20% toler-
ance
LDCDCA
Wired boost configurations
—
2.2
—
µH
Startup time from output en-
abled to output within 1% of
final target voltage4
TSTART
Boost (VOA), BB_IPK = 10,
VDDB = 1.8V, VOA = 3.3V, ILOAD
= 10 mA
—
97
—
µs
Note:
1. VBOOST is the voltage applied to the inductor attached to the LA2 pin in boost modes.
2. It is permissible for the input voltage to exceed the output voltage by ~0.3V in boost configurations, using the TOFF max limiting
feature. Refer to the boost mode TOFF maximum limiting section of the datasheet.
3. Maximum output load current is determined by first measuring the output voltage with a 5mA load. Maximum output load is the
maximum load at which measured output voltage is no lower than 50mV from the original 5mA load measured voltage.
4. For converters enabled by default, total startup time will be TSTART + TBOOT (found in the General Operating Conditions table)
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com