Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 8Page - Silicon Laboratories EFP01 Datasheet HTML 9Page - Silicon Laboratories EFP01 Datasheet HTML 10Page - Silicon Laboratories EFP01 Datasheet HTML 11Page - Silicon Laboratories EFP01 Datasheet HTML 12Page - Silicon Laboratories EFP01 Datasheet HTML 13Page - Silicon Laboratories EFP01 Datasheet HTML 14Page - Silicon Laboratories EFP01 Datasheet HTML 15Page - Silicon Laboratories EFP01 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 158 page
background image
3.2.1.4 Current Limiting
When powering EFP01 from weak power sources or sources with a high internal impedance, peak load currents at the converter output
can cause a large supply voltage droop at the input, increasing the risk of an unintended power-on reset. To alleviate these issues, it
may be necessary to limit the input current.
Note: EFP0111 is the only OPN that has its current limit enabled by default (on DCDC A).
Note: Because enabling the current limit will essentially current-starve the output, the system designer should validate the application
under the worst-case output load current.
On EFP01, the current limit is controlled by forcing a minimum time between the start of pulse events (TSW_MIN) and is configured by
BB_IRI_CON in the BB_CTRL6 register. BB_IRI_CON can be calculated based on the mode, the input voltage (VDDB), output voltage
(VOA), DCDC A inductor value (LA), peak current (IPK, set by BB_IPK), and the desired limited battery current (IBATT_LIMIT) as follows:
In buck mode: IBATT_LIMIT =
L × IPK 2
2 × TSW_MIN
×
1
(VDDB - VOA)
In boost mode: IBATT_LIMIT =
L × IPK 2
2 × TSW_MIN
×
(
1
VOA - VBOOST
+
1
VBOOST )
where TSW_MIN is programmed by BB_IRI_CON as follows:
TSW_MIN = 300ns × (2 × BB_IRI_CON + 1)
Note that the required BB_IRI_CON setting for a given current limit varies with the VDDB or VBOOST voltages and the peak current,
both variables that can change over battery voltage. An application requiring a fixed current limit over the entire range of the battery
may need to occasionally measure the VDDB voltage and recalculate / reprogram the BB_IRI_CON setting.
Note also that in configurations where the VOC LDO is used in parallel with the VOA output (e.g., Buck with LDO configuration), the
BB_IRI_CON bitfield in the BB_CTRL6 register will control the current limit when the converter is in DCDC mode and the
VOC_IRI_CON bitfield in the LDOC_BB_CTRL register will control the current limit when the converter is in LDO mode.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com