Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 41 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 37Page - Silicon Laboratories EFP01 Datasheet HTML 38Page - Silicon Laboratories EFP01 Datasheet HTML 39Page - Silicon Laboratories EFP01 Datasheet HTML 40Page - Silicon Laboratories EFP01 Datasheet HTML 41Page - Silicon Laboratories EFP01 Datasheet HTML 42Page - Silicon Laboratories EFP01 Datasheet HTML 43Page - Silicon Laboratories EFP01 Datasheet HTML 44Page - Silicon Laboratories EFP01 Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 158 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Digital input low voltage
VIL
—
—
VIO*0.3
V
Digital input high voltage
VIH
VIO*0.7
—
—
V
Nominal input capacitor2
CIN
VDDA / VDDB / VBOOST inputs,
25% tolerance
4.7
10
—
µF
Nominal output capacitor2
COUT
VOA / VOB / VOC outputs, 25%
tolerance
2.2
10
—
µF
VDDB internal measurement
accuracy
VDDBMEAS_ACC
—
-0.112
—
LSB
VDDA internal measurement
accuracy
VDDAMEAS_ACC
—
-0.02
—
LSB
Temperature measurement
accuracy
TEMPMEAS_ACC
—
+/- 10
—
°C
ADC measurement conver-
sion time for one voltage and
one temperature sample
TMEAS
—
18.6
—
µs
Power-on reset threshold,
rising
VPOR_THR_RIS
—
—
1.702
V
Power-on reset threshold,
falling
VPOR_THR_FAL
1.58
—
1.68
V
Under-voltage lockout
threshold
VUVLO_THR
—
1.2
—
V
VDDB current when VDDB <
UVLO threshold
IUVLO
VDDB = 1.0V
—
24
—
nA
On resistance of DCDC A
buck powertrain NMOS FET3
RDSA_BUCK_NM
OS
VDDB = 3.3V
—
0.271
1.07
Ω
On resistance of DCDC A
buck powertrain PMOS FET3
RDSA_BUCK_PM
OS
VDDB = 3.3V
—
0.150
0.676
Ω
On resistance of DCDC A
boost powertrain NMOS
FET3
RDSA_BOOST_N
MOS
VDDB = VOA = 3.3V
—
0.140
0.450
Ω
On resistance of DCDC A
boost powertrain PMOS
FET3
RDSA_BOOST_P
MOS
VDDB = VOA = 3.3V
—
0.172
0.645
Ω
On resistance of DCDC B
buck powertrain NMOS FET3
RDSB_BUCK_NM
OS
VDDB = 3.3V
—
0.203
0.783
Ω
On resistance of DCDC B
buck powertrain PMOS FET3
RDSB_BUCK_PM
OS
VDDB = 3.3V
—
0.294
1.26
Ω
On resistance of LDO B in
bypass mode3
RDSB_LDO_BYP
VDDB = 3.0V
—
0.778
1.32
Ω
VDDB = 1.8V
—
1.19
1.96
Ω
On resistance of LDO C in
bypass mode3
RDSC_LDO_BYP
VDDB = 3.0V
—
0.76
1.32
Ω
VDDB = 1.8V
—
1.19
1.96
Ω
On resistance of VOA
switch3
RDSVSW
VDDB = 3.0V
—
1.38
2.91
Ω
VDDB = 1.8V
—
2.2
4.14
Ω
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com