Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 44 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 44 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 40Page - Silicon Laboratories EFP01 Datasheet HTML 41Page - Silicon Laboratories EFP01 Datasheet HTML 42Page - Silicon Laboratories EFP01 Datasheet HTML 43Page - Silicon Laboratories EFP01 Datasheet HTML 44Page - Silicon Laboratories EFP01 Datasheet HTML 45Page - Silicon Laboratories EFP01 Datasheet HTML 46Page - Silicon Laboratories EFP01 Datasheet HTML 47Page - Silicon Laboratories EFP01 Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 158 page
background image
5.1.3.3 EFP0101 / EFP0102
Note: EFP0101 & EFP0102 are nearly identical devices, differing primarily in the VOB configuration at and after startup:
• On EFP0101, the VOB converter output is enabled to 1.858 V at startup and may be programmed after startup in the range 0.8V to
3.3V
• On EFP0102, the VOB converter output is disabled by default, and may be programmed after startup to an output in the range 0.8V
to 1.26V
Unless stated otherwise, all parameters in the EFP0101 & EFP0102 electrical specifications tables are specified under the following
conditions:
• VDDB = 3.3 V
• VDDA = GND
• VOA = 1.8 V
• VOB = 1.2 V (EFP0102) / 1.8 V (EFP0101)
• VOC = 1.8 V
• VIO = 1.8 V
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com