Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFP01 Datasheet HTML 1Page - Silicon Laboratories EFP01 Datasheet HTML 2Page - Silicon Laboratories EFP01 Datasheet HTML 3Page - Silicon Laboratories EFP01 Datasheet HTML 4Page - Silicon Laboratories EFP01 Datasheet HTML 5Page - Silicon Laboratories EFP01 Datasheet HTML 6Page - Silicon Laboratories EFP01 Datasheet HTML 7Page - Silicon Laboratories EFP01 Datasheet HTML 8Page - Silicon Laboratories EFP01 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 158 page
background image
2. Ordering Information
Additional OPN-specific features & limitations can be found in ● OPN-Specific Features.
Table 2.1. Ordering Information
Orderable Part Number (OPN)
Supported In-
put Voltage
Range
Device Configuration
VOB Config-
uration at
Startup
Temp
Code
Package
Top Mark
Line 1
EFP0101GM20-E
1.8 V–5.5 V
Wired Buck
1.858 V
G
QFN20
P01G
EFP0102GM20-E
1.8 V–5.5 V
Wired Buck
OFF
G
QFN20
P02G
EFP0103GM20-E
1.8 V–5.5 V
Wired Buck with LDO C
1.858 V
G
QFN20
P03G
EFP0104GM20-E
1.8 V–5.5 V
Wired Buck with LDO C
OFF
G
QFN20
P04G
EFP0106GM20-E
1.8 V–5.5 V
Buck/Boost
1.858 V
G
QFN20
P06G
EFP0107GM20-E
1.8 V–5.5 V
Buck/Boost
OFF
G
QFN20
P07G
EFP0108GM20-E
0.8 V–1.8 V
Single-Cell Boost
OFF
G
QFN20
P08G
EFP0109GM20-E
1.8 V - 3.6 V
Wired Boost
1.858 V
G
QFN20
P09G
EFP0110GM20-E
1.8 V - 3.6 V
Wired Boost
OFF
G
QFN20
P10G
EFP0111GM20-E
1.5 V–5.5 V (af-
ter startup), 2.5–
5.5 V (at startup)
Boost Bootstrap
1.858 V
G
QFN20
P11G
EFP01 Energy Friendly PMIC Family Data Sheet
Ordering Information
silabs.com | Building a more connected world.
Rev. 1.3 | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com