Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 18Page - Silicon Laboratories EFP01 Datasheet HTML 19Page - Silicon Laboratories EFP01 Datasheet HTML 20Page - Silicon Laboratories EFP01 Datasheet HTML 21Page - Silicon Laboratories EFP01 Datasheet HTML 22Page - Silicon Laboratories EFP01 Datasheet HTML 23Page - Silicon Laboratories EFP01 Datasheet HTML 24Page - Silicon Laboratories EFP01 Datasheet HTML 25Page - Silicon Laboratories EFP01 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 158 page
background image
3.3 Energy Modes
The EFP01 operates in 3 different energy modes to optimize efficiency based on the expected load.
Table 3.8. Energy Modes Overview
Energy Mode Maximum Out-
put Current (per
output)
BIAS_SW Regis-
ter Programming
Coarse Regula-
tor
DCDCs and
LDOs
ADC
Coulomb Coun-
ter
EM0
Full Output Cur-
rent (value de-
pends on mode
and configuration)
BIAS0 = 7
Disabled
On, if enabled
Available
Available
EM2
~20 mA (value
depends on mode
and configuration)
BIAS2 = 1
Disabled
On, if enabled.
Note that if
BB_CTRL6.BB_I
PK_NOADJ is set
in Boost modes,
no peak current
adjustment will
occur in EM2.
Available
Available
EM4
~100 uA
N/A
Enabled accord-
ing to setting of
CRSREG_EN_X
bits in
EM_CRSREG_C
TRL
All DCDCs and
LDOs disabled
Disabled
Not supported
3.3.1 Energy Mode Control
The energy mode state of EFP01 can be changed either by I2C or via direct pin control.
3.3.1.1 I2C Control
Using standard I2C control, the EFP01's energy mode can be set by writing the EM_STSEL bitfield in the EM_CRSREG_CTRL register.
The EFP01's internal pull up resistors on I2C_SDA and I2C_SCL pins will continue to be enabled in EM2 and EM4 modes when using
this method.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com