Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 25 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 21Page - Silicon Laboratories EFP01 Datasheet HTML 22Page - Silicon Laboratories EFP01 Datasheet HTML 23Page - Silicon Laboratories EFP01 Datasheet HTML 24Page - Silicon Laboratories EFP01 Datasheet HTML 25Page - Silicon Laboratories EFP01 Datasheet HTML 26Page - Silicon Laboratories EFP01 Datasheet HTML 27Page - Silicon Laboratories EFP01 Datasheet HTML 28Page - Silicon Laboratories EFP01 Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 158 page
background image
Factors Affecting the Charge-Per-Pulse
The charge-per-pulse (CPP) may vary depending on the operating mode of the converter. For example, if DCDC B is configured in
buck with LDO mode (i.e., the converter automatically switches between buck and LDO modes depending on input voltage), the CPP
when the converter is in buck can differ from the CPP when the converter is operating in LDO mode. For this reason, it may be neces-
sary to calibrate a given DCDC converter in each of its expected operating modes. Thus if DCDC B is in buck with LDO mode, and the
battery voltage is sufficiently close to the output voltage such that the converter may switch to LDO mode, calibration should be per-
formed on DCDC B once in buck mode and again in LDO mode.
The current DCDC operating modes of DCDC A and DCDC B are reported by the CCA_MODE and CCB_MODE fields of the
CC_MODE register, respectively. For calibration purposes, the operating modes can be temporarily forced using the BB_MODE and
BK_MODE fields in the BB_CTRL3 and BK_CTRL1 registers for DCDC A and DCDC B, respectively. Host firmware is expected to
maintain a CPP for each operating mode of the converter.
In addition, the energy mode can affect the charge-per-pulse. The VOB output has independent result registers for EM0 and EM2, and
will need to be calibrated in each energy mode. The VOA and VOC outputs each have only a single result register pair used in both
EM0 and EM2. If Coulomb Counting is use with VOA, the BB_IPK and BB_IPK_EM2 peak current values are expected to be the same
to ensure an accurate count on VOA regardless of energy mode.
3.4.1.2 Recalibration
In addition, certain changes in external conditions may affect the charge-per-pulse. The below list contains conditions that may necessi-
tate a recalibration event:
• Significant change in input supply voltage
• Significant change in temperature
3.4.1.3 Operation
Note:
Refer to AN1188: EFP01 Coulomb Counting for a more detailed discussion of the Coulomb counter and example code.
PFM pulse counts for the VOA, VOB (separately for EM0 and EM2), and VOC outputs are stored in the CCA_MSBY/CCA_LSBY
(VOA), CCB0_MSBY/CCB_LSBY (VOB in EM0), CCB2_MSBY/CCB2_LSBY (VOB in EM2), and CCC_MSBY/CCC_LSBY (VOC) most
significant/least significant byte register pairs, respectively, during normal operation.Note that when DCDC A is operating with LDO C in
parallel, the resulting counts will be split between the CCA result registers (when the DCDC A is powering the load) and the CCC result
registers (when LDO C is powering the load).
Prescaler
The actual value stored in a given Coulomb counter result register pair is scaled according to the CC_PRESCL field in the CC_CTRL
register. This setting applies globally such that the count in a given result register pair represents 2(16-2×CC_PRESCL) PFM pulses. Note
that the prescaler setting does not affect the CCC_MSBY/LSBY registers during calibration.
Enabling / Disabling
Start Coulomb counting by writing a 1 to the CC_EN bit in the CC_CTRL register; stop counting by writing a 0 to CC_EN.
Servicing
Once enabled, the Coulomb counter result registers will eventually overflow, so some amount of firmware maintenance is required. The
CC_THRSH field in the CC_CTRL register sets the desired threshold (50%, 62.5%, 75%, or 87%) for setting the STATUS_G register
CC_FULL flag. Note that the CC_FULL_UNMASK bit in the STATUS_GM register must be written to 1 so that an interrupt can be re-
quested when the CC_FULL flag is set. When firmware receives an interrupt, and discovers that CC_FULL is set, all relevant Coulomb
counter result registers should be read and added to local variable counts. Additionally,each converter's operating mode should be de-
termined (by reading the CCA_MODE or CCB_MODE field in the CC_MODE register for DCDC A or DCDC B, respectively) in order to
perform battery life calculations using the relevant CPP value. Clear the Coulomb counter result registers after reading them by writing
a 1 to the CC_CLR bit in the CMD register.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com