Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 31 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 27Page - Silicon Laboratories EFP01 Datasheet HTML 28Page - Silicon Laboratories EFP01 Datasheet HTML 29Page - Silicon Laboratories EFP01 Datasheet HTML 30Page - Silicon Laboratories EFP01 Datasheet HTML 31Page - Silicon Laboratories EFP01 Datasheet HTML 32Page - Silicon Laboratories EFP01 Datasheet HTML 33Page - Silicon Laboratories EFP01 Datasheet HTML 34Page - Silicon Laboratories EFP01 Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 158 page
background image
4.1.2 Wired Buck with LDO C Configuration (EFP0103 & EFP0104)
The wired buck with LDO configuration is targeted at batteries with a nominal voltage above 2.5V where the input voltage may ap-
proach the buck converter output voltage. In this mode, DCDC A bucks the supply voltage to a lower voltage until the supply voltage
approaches the VOA output voltage. At that point, the converter dynamically switches to use the LDO instead to power the VOA output.
Note that in this mode, LDO C is wired in parallel with the VOA output, and thus not available as an independent LDO.
The wired buck with LDO configuration is suitable for a wide range of batteries and input supplies. For example:
• Single lithium (Li/MnO2) CR2032 coin-cells (1.8 to 3.2V)
• Single lithium thionyl chloride (Li/SOCl2) primary cell (3.0 to 3.65V)
• Single li-ion/li-polymer (typically LiCoO2) rechargeable batteries (2.7 to 4.35V)
• Single lithium iron phosphate (LiFePO4) rechargeable battery (2.5 to 3.65V)
• Line power / USB (< 5.5V)
The supported operating mode settings for each converter in this configuration are shown below:
Table 4.2. Supported Operating Mode Settings
Converter / LDO
Operating Mode Bitfield
Supported Modes
DCDC A
BB_CTRL3.BB_MODE
WiredBuckLDO
DCDC B
BK_CTRL1.BK_MODE
Disabled, BuckOnly, BuckLDO, or LDOOnly
LDO C
LDOC_CTRL.LDOC_ENA_SA
Disabled
Typical power supply connections for a wired buck with LDO configuration are show in the following figure.
`
Main
Supply
+
–
VDD
VOA
(1.8V–5.5V)
10µF
2.2µH
2.2µH
VDDB
VOA SW
VOC
LB
LDO C
VOA
Buck
DC-DC B
Boost
DC-DC A
Buck
DC-DC A
VOB
LDO B
LA2
LA1
Low Voltage
VDDA
0.1µF
`
VOB
VIO
I2C SDA
I2C SCL
IRQ
Control
10µF
0.1µF
0.1µF
VIO
0.1µF
`
To Host
MCU
2.2uF for EFP0104
10uF for EFP0103
Figure 4.2. Wired Buck with LDO C Configuration
EFP01 Energy Friendly PMIC Family Data Sheet
Typical Connection Diagrams
silabs.com | Building a more connected world.
Rev. 1.3 | 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com