Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 30 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 26Page - Silicon Laboratories EFP01 Datasheet HTML 27Page - Silicon Laboratories EFP01 Datasheet HTML 28Page - Silicon Laboratories EFP01 Datasheet HTML 29Page - Silicon Laboratories EFP01 Datasheet HTML 30Page - Silicon Laboratories EFP01 Datasheet HTML 31Page - Silicon Laboratories EFP01 Datasheet HTML 32Page - Silicon Laboratories EFP01 Datasheet HTML 33Page - Silicon Laboratories EFP01 Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 158 page
background image
4. Typical Connection Diagrams
4.1 Device Configurations
The EFP01's flexible configuration options support a wide variety of input supplies and output voltages.
Consult AN1187: EFP01 Hardware Design Considerations for additional information, including reference schematics and layout recom-
mendations.
4.1.1 Wired Buck Configuration (EFP0101 & EFP0102)
The wired buck configuration is targeted at batteries with a nominal voltage above 2.5V. In this mode, DCDC A bucks the supply volt-
age to a lower voltage.
The wired buck configuration is suitable for a wide range of batteries and input supplies. For example:
• Single lithium thionyl chloride (Li/SOCl2) primary cell (3.0 to 3.65V)
• Single li-ion/li-polymer (typically LiCoO2) rechargeable batteries (2.7 to 4.35V)
• Single lithium iron phosphate (LiFePO4) rechargeable battery (2.5 to 3.65V)
• Line power / USB (< 5.5V)
The supported operating mode settings for each converter in this configuration are shown below:
Table 4.1. Supported Operating Mode Settings
Converter / LDO
Operating Mode Bitfield
Supported Modes
DCDC A
BB_CTRL3.BB_MODE
WiredBuck
DCDC B
BK_CTRL1.BK_MODE
Disabled, BuckOnly, BuckLDO, or LDOOnly
LDO C
LDOC_CTRL.LDOC_ENA_SA
Enabled or Disabled
Typical power supply connections for a wired buck configuration are shown below.
`
Main
Supply
+
–
VDD
VOA
VOC
(1.8V–5.5V)
10µF
2.2µH
2.2µH
VDDB
VOA SW
VOC
LB
LDO C
VOA
Buck
DC-DC B
Boost
DC-DC A
Buck
DC-DC A
VOB
LDO B
LA2
LA1
Low Voltage
VDDA
0.1µF
`
VOB
`
VIO
I2C SDA
I2C SCL
IRQ
Control
10µF
0.1µF
10µF
0.1µF
0.1µF
VIO
0.1µF
`
To Host
MCU
2.2uF for EFP0102
10uF for EFP0101
VOC output
capacitors only
required if
enabled
Figure 4.1. Wired Buck Configuration
EFP01 Energy Friendly PMIC Family Data Sheet
Typical Connection Diagrams
silabs.com | Building a more connected world.
Rev. 1.3 | 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com