Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 16Page - Silicon Laboratories EFP01 Datasheet HTML 17Page - Silicon Laboratories EFP01 Datasheet HTML 18Page - Silicon Laboratories EFP01 Datasheet HTML 19Page - Silicon Laboratories EFP01 Datasheet HTML 20Page - Silicon Laboratories EFP01 Datasheet HTML 21Page - Silicon Laboratories EFP01 Datasheet HTML 22Page - Silicon Laboratories EFP01 Datasheet HTML 23Page - Silicon Laboratories EFP01 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 158 page
background image
3.2.3.3 Maximum Output Current
After startup, the maximum output current for LDO B and LDO C is set by the LDOB_IGAIN and LDOC_IGAIN fields in the
LDOB_CTRL and LDOC_CTRL registers, respectively. The LDOx_IGAIN fields should be set to the required output current plus mar-
gin, but no higher than necessary. LDOx_IGAIN can be computed as follows:
Note: The Maximum Output Current formula below provides useful guidance but is not a guarantee of performance. The final authority
for the Maximum Output Current will be the Output Load Current specifications in the Electrical Characteristics tables.
LDOx_IGAIN = ROUND
(17-
VOUT
2.76 ×
IOUT _MAX )
At startup, and prior to the LDO reaching its target voltage, the available output current for LDO B and LDO C is determined by the
LDOB_VMIN and LDOC_VMIN fields in the LDOB_CTRL and LDOC_CTRL registers, respectively. To ensure the LDO output current
at startup is always at least the desired amount (as configured by LDOx_IGAIN, above), the settings for the LDOx_VMIN fields should
be programmed based on the output target voltage as shown below:
Table 3.6. LDOx_VMIN Settings
VOUT Range
LDOx_VMIN Setting
VOUT ≥ 2.7V
3
2.4V ≤ VOUT < 2.7V
2
2.0V ≤ VOUT < 2.4V
1
VOUT < 2.0V
0
Table 3.7 Example LDOx_IGAIN and LDOx_VMIN settings on page 20 shows the recommended LDOx_IGAIN and LDOx_VMIN set-
tings for some example applications. Note that in the calculations below, IOUT_MAX has been increased by 20% to provide some margin.
Table 3.7. Example LDOx_IGAIN and LDOx_VMIN settings
VOUT (V)
IOUT_MAX (mA)
LDOx_IGAIN
LDOx_VMIN
1.8
50
6
0
1.8
100
12
0
3.0
50
0
3
3.0
100
8
3
1.2 (LDO B only)
50
10
0
3.2.3.4 LDO Current Limiting
On EFP01, the current limit is controlled by forcing a minimum time between the start of pulse events (TSW_MIN) and is configured by
the BK_IRI_CON bitfield in the BK_CTRL2 register (for LDO B) or the VOC_IRI_CON bitfield in the LDOC_BB_CTRL register (for LDO
C). The (IBATT_LIMIT) can be determined from the IRI_CON setting as follows:
IBATT_LIMIT =
IOUT_MAX
(2 × IRI_CON
+ 1)
where IOUT_MAX is determined by LDOx_IGAIN as shown in 3.2.3.3 Maximum Output Current.
Because the current limit is essentially current-starving the output, most applications will likely want to disable the current limit after the
output is stable (which can be determined by polling the STATUS_LIVE.VOx_INREG_LIVE bits).
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com