Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 7Page - Silicon Laboratories EFP01 Datasheet HTML 8Page - Silicon Laboratories EFP01 Datasheet HTML 9Page - Silicon Laboratories EFP01 Datasheet HTML 10Page - Silicon Laboratories EFP01 Datasheet HTML 11Page - Silicon Laboratories EFP01 Datasheet HTML 12Page - Silicon Laboratories EFP01 Datasheet HTML 13Page - Silicon Laboratories EFP01 Datasheet HTML 14Page - Silicon Laboratories EFP01 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 158 page
background image
3.2.1.3 Peak Current Adjustment
In boost mode, the EFP01 can be configured to automatically adjust the DCDC A peak current based on the battery voltage to support
a near-constant maximum output load current (where the maximum output load current is ~ IPK_BASE / 2). This feature allows the
boost converter to lower the peak current at higher battery voltages, resulting in more efficient operation and lower output ripple voltage,
as shown in Figure 3.2 Peak Current Adjustment Comparison on page 11.
Because the peak current adjustment feature requires battery voltage monitoring, the ADC must be enabled (i.e., the ADC_INTERVAL
field of the ADC_CC_CTRL register is set to a non-zero value). This also means that peak current adjustment is not available in the
Boost Bootstrap configuration, because battery monitoring is not support in that configuration.
If peak current adjustment is enabled, it will only affect peak current in EM0, and not EM2.
To use peak current adjustment:
1. Set BB_IPK_NOADJ = 0 in the BB_CTRL6 register
2. Program BB_IPK_BOOST_ADJ in the BB_CTRL5 register as recommended in its register description. Note that because the
BB_IPK_BOOST_ADJ value is dependent on both the VOA target voltage and the BB_IPK setting, the BB_IPK_BOOST_ADJ val-
ue should be updated whenever the VOA target or the peak current settings are changed.
3. Set ADC_INTERVAL in the ADC_CC_CTRL register to a non-zero value to enable ADC operations
To disable peak current adjustment, set BB_IPK_NOADJ = 1 in the BB_CTRL6 register.
Figure 3.2. Peak Current Adjustment Comparison
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com