Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 36 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 36 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 32Page - Silicon Laboratories EFP01 Datasheet HTML 33Page - Silicon Laboratories EFP01 Datasheet HTML 34Page - Silicon Laboratories EFP01 Datasheet HTML 35Page - Silicon Laboratories EFP01 Datasheet HTML 36Page - Silicon Laboratories EFP01 Datasheet HTML 37Page - Silicon Laboratories EFP01 Datasheet HTML 38Page - Silicon Laboratories EFP01 Datasheet HTML 39Page - Silicon Laboratories EFP01 Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 158 page
background image
5. Electrical Specifications
5.1 Electrical Characteristics
Unless stated otherwise, all electrical parameters in all tables are specified under the following conditions:
• Typical values are based on TJ=25 °C and VDDB=VIO=3.3V and VOA=VOB=VOC=1.8V, by production test and/or technology char-
acterization.
• Unless stated otherwise, minimum and maximum values represent the worst conditions across supply voltage, process variation,
and operating temperature.
• Energy mode (EM0/EM2/EM4) programming is defined in Table 3.8 Energy Modes Overview on page 22
• EM0: BIAS_SW.BIAS0=7, EM_CRSREG_CTRL.EM_STSEL=0
• EM2: BIAS_SW.BIAS2=1, EM_CRSREG_CTRL.EM_STSEL=2
• EM4: EM_CRSREG_CTRL.EM_STSEL=3
• Test board components:
• LDCDC = 2.2 µH (Samsung CIG22H2R2MAE)
• CIN = COUT = 10 µF (Murata GRM31CR71A106KA01)
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com