Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 28 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 24Page - Silicon Laboratories EFP01 Datasheet HTML 25Page - Silicon Laboratories EFP01 Datasheet HTML 26Page - Silicon Laboratories EFP01 Datasheet HTML 27Page - Silicon Laboratories EFP01 Datasheet HTML 28Page - Silicon Laboratories EFP01 Datasheet HTML 29Page - Silicon Laboratories EFP01 Datasheet HTML 30Page - Silicon Laboratories EFP01 Datasheet HTML 31Page - Silicon Laboratories EFP01 Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 158 page
background image
3.6.2 Interrupt Output (IRQ)
The EFP01 has an open-drain Interrupt Output (IRQ) that can be used to notify the host processor. Out of reset, an internal pull-up will
be enabled on the IRQ pin - this pull-up will always remain enabled and cannot be disabled.
An IRQ will be generated whenever both of the following conditions are true:
• A status flag is set in either the STATUS_G or STATUS_V registers
• The flag's corresponding UNMASK bit in either the STATUS_GM or STATUS_VM registers is also set to one.
When an IRQ is generated, the IRQ pin will be driven low until any flags that are both unmasked and set are cleared.
By default, only the STATUS_GM.OTP_READ_UNMASK bit is set, which results in an IRQ whenever the OTP is read. Because the
OTP is read on every EFP01 power-up and/or reset, the host firmware can use this OTP_READ flag and resulting IRQ as an indication
that an unexpected reset condition has occurred on the EFP01, and that any post-startup configuration needs to be rewritten to its
registers.
3.7 System Protection
3.7.1 Under-voltage Lockout (UVLO)
When the VDDB voltage falls below the UVLO trip point (consult Electrical Specifications table for the typical value), the EFP01 auto-
matically transitions to an extremely low-power state to minimize power consumption. In this state, only the Power-On Reset (POR) is
enabled.
3.7.2 Power-on Reset (POR)
When the VDDB voltage rises above the Rising POR threshhold (consult Electrical Specifications table), the EFP01 automatically loads
its OTP programmed defaults into the corresponding registers, at which point any enabled converters will begin regulation. If the VDDB
voltage falls below the Falling POR threshhold, the EFP01 will go into reset and all outputs will be disabled.
3.7.3 Over-Voltage Protection
By default in EM0 and EM2 modes, each output has overvoltage protection enabled. When the output voltage on a specific converter is
more than ~180 mV higher than the programmed value, an internal ~2 mA load is enabled on the output until the overvoltage condition
clears. This feature can be disabled on the VOB output by setting the BK_CTRL0.BK_DIS_OV_PROT bit.
In OPNs where DCDC B is providing an output that must stay between 1.1 V to 1.2 V, the coarse regulator cannot be enabled in EM4
(as the coarse LDO output can be much higher than 1.2 V). To ensure the supply voltage in EM4 does not increase beyond an accepta-
ble level due to leakage, a simple voltage clamp can be enabled on the VOB output by setting the BK_CTRL0.CLAMPB bit.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com