Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 28Page - Silicon Laboratories EFP01 Datasheet HTML 29Page - Silicon Laboratories EFP01 Datasheet HTML 30Page - Silicon Laboratories EFP01 Datasheet HTML 31Page - Silicon Laboratories EFP01 Datasheet HTML 32Page - Silicon Laboratories EFP01 Datasheet HTML 33Page - Silicon Laboratories EFP01 Datasheet HTML 34Page - Silicon Laboratories EFP01 Datasheet HTML 35Page - Silicon Laboratories EFP01 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 158 page
background image
4.1.3 Buck/Boost Configuration (EFP0106 & EFP0107)
The buck/boost configuration is suitable for applications where the battery voltage may be above or below the required VOA output
voltage. Although very flexible, this configuration has worse efficiency than wired boost or wired buck configurations due to the losses in
the additional power FETs required to support both modes of operation. Typical power supply connections for a buck/boost configura-
tion are show in the following figure.
The supported operating mode settings for each converter in this configuration are shown below:
Table 4.3. Supported Operating Mode Settings
Converter / LDO
Operating Mode Bitfield
Supported Modes
DCDC A
BB_CTRL3.BB_MODE
Autonomous (ForceBuck, ForceBoost, ForceNTM can be used in
special circumstances)
DCDC B
BK_CTRL1.BK_MODE
Disabled, BuckOnly, BuckLDO, or LDOOnly
LDO C
LDOC_CTRL.LDOC_ENA_SA
Enabled or Disabled
`
Main
Supply
+
–
VDD
VOA
VOC
(1.8V–5.5V)
10µF
2.2µH
2.2µH
VDDB
VOA SW
VOC
LB
LDO C
VOA
Buck
DC-DC B
Boost
DC-DC A
Buck
DC-DC A
VOB
LDO B
LA2
LA1
Low Voltage
VDDA
0.1µF
`
VOB
`
VIO
I2C SDA
I2C SCL
IRQ
Control
10µF
0.1µF
10µF
0.1µF
0.1µF
VIO
0.1µF
`
To Host
MCU
VOC output
capacitors only
required if
enabled
2.2uF for EFP0107
10uF for EFP0106
Figure 4.3. Buck/Boost Configuration
EFP01 Energy Friendly PMIC Family Data Sheet
Typical Connection Diagrams
silabs.com | Building a more connected world.
Rev. 1.3 | 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com