Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 15Page - Silicon Laboratories EFP01 Datasheet HTML 16Page - Silicon Laboratories EFP01 Datasheet HTML 17Page - Silicon Laboratories EFP01 Datasheet HTML 18Page - Silicon Laboratories EFP01 Datasheet HTML 19Page - Silicon Laboratories EFP01 Datasheet HTML 20Page - Silicon Laboratories EFP01 Datasheet HTML 21Page - Silicon Laboratories EFP01 Datasheet HTML 22Page - Silicon Laboratories EFP01 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 158 page
background image
3.2.2.5 DCDC B with LDO B in Parallel
DCDC B is internally connected in parallel with LDO B, and the two can optionally be used in parallel. This configuration is advanta-
geous when the minimum input supply voltage (VDDB) approaches the VOB output voltage (e.g., VDDBMIN - VOB ≤ 300mV) as it al-
lows EFP01 to continue to regulate the output voltage over a wider input voltage range than is possible with DCDC B alone.
When LDO B is used in parallel with DCDC B:
• The DCDC mode must be set to BUCKLDO (i.e., BK_MODE = 3 in the BK_CTRL1 register).
• The input voltage threshold for transition from Buck-to-LDO mode can be adjusted by the BK_LDO_THRESH bit field in the
BB_CTRL2 register. It is recommended that this setting be left at power-on default value.
3.2.3 LDO B and LDO C Overview
The EFP01 has two integrated LDOs supplied from the VDDB pin. Instead of being continously on, each LDO operates in a pulsed-
current mode that minimizes quiescent current and is compatible with the internal Coulomb counter.
3.2.3.1 LDO B
LDO B is hard-wired in parallel with DCDC B, with an output sharing the VOB pin. When used in parallel with DCDC B, DCDC B will
automatically switch to LDO B to provide better efficiency as the input voltage approaches the output voltage. LDO B can also be used
as a standalone LDO (i.e. without DCDC B).
LDO B shares the DCDC B output voltage target registers, VOB_EM0_V and VOB_EM2_V.
Table 3.4. LDO B Summary
Mode
Required Register Configuration(s)
Output Pin
Output Target Voltage Registers
In parallel with DCDC B
BK_CTRL1.BK_MODE = 3
VOB
VOB_EM0_V and VOB_EM2_V
Standalone, no DCDC
BK_CTRL1.BK_MODE = 2
3.2.3.2 LDO C
Similar to LDO B, LDO C can be used as an independent standalone supply (with the LDO output on the VOC pin) or may be connec-
ted in parallel with DCDC A (with the LDO output sharing the VOA pin with DCDC A). When used in parallel with DCDC A, DCDC A will
automatically switch to LDO C to provide better efficiency as the input voltage approaches the output voltage.
LDO C's output voltage register depends on the mode:
• In standalone mode, the output voltage target is set in the VOC_V register.
• In parallel mode, the LDO C shares DCDC A's output voltage register, VOA_V.
Table 3.5. LDO C Summary
Mode
Required Register Configuration(s)
Output Pin
Output Target Voltage Regis-
ter
In parallel with
DCDC A
BB_CTRL3.BB_MODE = 5
VOA = VOC (must be shorted to-
gether on PCB)
VOA_V
Standalone, no
DCDC
LDOC_CTRL.LDOC_ENA_SA = 1 and
BB_CTRL3.BB_MODE != 5
VOC
VOC_V
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com