Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 12Page - Silicon Laboratories EFP01 Datasheet HTML 13Page - Silicon Laboratories EFP01 Datasheet HTML 14Page - Silicon Laboratories EFP01 Datasheet HTML 15Page - Silicon Laboratories EFP01 Datasheet HTML 16Page - Silicon Laboratories EFP01 Datasheet HTML 17Page - Silicon Laboratories EFP01 Datasheet HTML 18Page - Silicon Laboratories EFP01 Datasheet HTML 19Page - Silicon Laboratories EFP01 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 158 page
background image
3.2.1.7 NTM Buck/Boost Transitional Mode
When DCDC A is in the Buck/Boost configuration and programmed to Autonomous (or Buck/Boost) mode, (i.e, BB_CTRL3.BB_MODE
= 1), the DCDC converter will automatically switch between one of three operating modes:
• Buck: Traditional Buck operation used when VDDB is much greater than VOA
• Boost: Traditional Boost operation used when VDDB is much lower than VOA
• NTM: Transitional mode between Buck and Boost modes, used when VDDB is close to VOA
The Boost-to-NTM and NTM-to-Buck mode transition voltage thresholds are controlled by the NTM_LDO_THRSH bit field in the
BB_CTRL3 register. For example, the figures below show the DCDC A operating mode versus the battery voltage for various
NTM_LDO_THRSH settings for a Buck/Boost application with a 3.3V output.
Figure 3.4. Operating Mode vs Battery Voltage, NTM_LDO_THRSH=3
Figure 3.5. Operating Mode vs Battery Voltage, NTM_LDO_THRSH=5
Figure 3.6. Operating Mode vs Battery Voltage, NTM_LDO_THRSH=7
3.2.1.8 VOA Switch (VOA_SW)
The VOA output has an internal switch connecting it to the VOA_SW pin. This optional VOA_SW output can be used to completely
power down high-leakage external circuitry when entering the 3.3.3 EM2 and/or 3.3.4 EM4 modes. The VOA_SW state is controlled by
the VOA_SW_CON bitfield in the BIAS_SW register.
Note that if a large capacitive load is attached to the VOA_SW output, the VOA output may see momentary voltage droops when
VOA_SW is enabled.
EFP01 Energy Friendly PMIC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.3 | 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com