Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 59 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 59 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 55Page - Silicon Laboratories EFP01 Datasheet HTML 56Page - Silicon Laboratories EFP01 Datasheet HTML 57Page - Silicon Laboratories EFP01 Datasheet HTML 58Page - Silicon Laboratories EFP01 Datasheet HTML 59Page - Silicon Laboratories EFP01 Datasheet HTML 60Page - Silicon Laboratories EFP01 Datasheet HTML 61Page - Silicon Laboratories EFP01 Datasheet HTML 62Page - Silicon Laboratories EFP01 Datasheet HTML 63Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 158 page
background image
Table 5.13. EFP0108 VOA Output
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Allowed programmable peak
current setting
IPKADJ_RANGE
Wired boost, EM0, VOA ≤ 3.3V,
BB_IPK setting
0
—
31
Wired boost, EM2, VOA ≤ 3.3V,
BB_IPK_EM2 setting
0
—
7
VBOOST input voltage
range1
VVBOOST
EFP0108
0.8
—
1.8
V
VDDA input voltage range
VVDDA
Single-cell boost (at startup), input
supply connected to VDDA pin
0.85
—
1.8
V
Single-cell boost (after startup),
Input supply connected to VDDA
pin
0.80
—
1.8
V
Output programmable volt-
age range
VVOA_RANGE
EFP0108
1.7
—
3.3
V
Default output voltage
VVOA
EFP0108
—
1.86
—
V
Output load current2
ILOAD_MAX
Single-cell boost, BB_IPK = 31,
EM0, 0.8V < = VDDA/VBOOST ≤
1.8V, VOA=1.8V
31.7
—
—
mA
Single-cell boost, BB_IPK_EM2 =
2, EM2, 0.8V < = VDDA/VBOOST
≤ 1.8V, VOA=1.8V
20
—
—
mA
Single-cell boost, BB_IPK = 31,
EM0, 1.0V < = VDDA/VBOOST ≤
1.8V, VOA=1.8V
59.6
—
—
mA
Single-cell boost, BB_IPK_EM2 =
2, EM2, 1.0V < = VDDA/VBOOST
≤ 1.8V, VOA=1.8V
20
—
—
mA
Single-cell boost, BB_IPK = 31,
EM0, 0.8V < = VDDA/VBOOST ≤
1.8V, VOA=3.0V
26.4
—
—
mA
Single-cell boost, BB_IPK_EM2 =
2, EM2, 0.8V < = VDDA/VBOOST
≤ 1.8V, VOA=3.0V
20
—
—
mA
Single-cell boost, BB_IPK = 31,
EM0, 1.0V < = VDDA/VBOOST ≤
1.8V, VOA=3.0V
43.7
—
—
mA
Single-cell boost, BB_IPK_EM2 =
2, EM2, 1.0V < = VDDA/VBOOST
≤ 1.8V, VOA=3.0V
20
—
—
mA
Output voltage accuracy
VVOA_ACC
Boost mode, EM0, 1.8V ≤ VOA ≤
3.3V, BB_IPK = 10, ILOAD = 25
mA
—
1.41
77.6
mV
Boost mode, EM2, 1.8V ≤ VOA ≤
3.3V, BB_IPK = 10, ILOAD = 25
mA
—
6.8
94.7
mV
DC line regulation
LINEREG
Boost mode
—
1.44
—
mV/V
DC load regulation
LOADREG
Boost mode
—
0.181
—
mV/mA
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com