Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 33 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 29Page - Silicon Laboratories EFP01 Datasheet HTML 30Page - Silicon Laboratories EFP01 Datasheet HTML 31Page - Silicon Laboratories EFP01 Datasheet HTML 32Page - Silicon Laboratories EFP01 Datasheet HTML 33Page - Silicon Laboratories EFP01 Datasheet HTML 34Page - Silicon Laboratories EFP01 Datasheet HTML 35Page - Silicon Laboratories EFP01 Datasheet HTML 36Page - Silicon Laboratories EFP01 Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 158 page
background image
4.1.4 Single-Cell Boost Configuration (EFP0108)
The single-cell boost configuration is a variant of the wired boost configuration intended primarily for use cases where the battery nomi-
nal voltage may be below the VDDB pin minimum voltage (1.8V) at startup. In this configuration, the EFP01 uses low-voltage supply
circuitry powered from the VDDA pin at startup to generate a voltage output on the VOA supply sufficient to meet the VDDB minimum
supply input requirement. After startup and once the VDDB voltage is above this minimum, standard boost operation resumes. Note
that this configuration requires connecting VDDB to VOA on the printed circuit board.
Single-cell boost configuration is suitable for the following:
• Single alkaline (Zn/MnO2), zinc-carbon or lithium iron-disulfide (Li/FeS2) primary cells, or NiMH/NiCd rechargeable cells (0.8 to 1.8
V)
The supported operating mode settings for each converter in this configuration are shown below:
Table 4.4. Supported Operating Mode Settings
Converter / LDO
Operating Mode Bitfield
Supported Modes
DCDC A
BB_CTRL3.BB_MODE
WiredBoost
DCDC B
BK_CTRL1.BK_MODE
Disabled, BuckOnly, BuckLDO, or LDOOn-
ly
LDO C
LDOC_CTRL.LDOC_ENA_SA
Enabled or Disabled
In the single-cell boost configuration, up to 3 outputs are available. Typical power supply connections for a single-cell boost configura-
tion are shown below.
`
VOA
VOC
10µF
2.2µH
2.2µH
VDDB
VOA SW
VOC
LB
LDO C
VOA
Buck
DC-DC B
Boost
DC-DC A
Buck
DC-DC A
VOB
LDO B
LA2
LA1
Low Voltage
VDDA
`
VOB
`
VIO
I2C SDA
I2C SCL
IRQ
Control
0.1µF
10µF
0.1µF
2.2µF
0.1µF
VIO
0.1µF
`
To Host
MCU
Main
Supply
+
–
VDD
(0.8V–1.8V)
10µF
0.1µF
VOC output
capacitors only
required if
enabled
Figure 4.4. Single-Cell Boost Configuration
EFP01 Energy Friendly PMIC Family Data Sheet
Typical Connection Diagrams
silabs.com | Building a more connected world.
Rev. 1.3 | 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com