Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP01 Datasheet(PDF) 92 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 92 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 88Page - Silicon Laboratories EFP01 Datasheet HTML 89Page - Silicon Laboratories EFP01 Datasheet HTML 90Page - Silicon Laboratories EFP01 Datasheet HTML 91Page - Silicon Laboratories EFP01 Datasheet HTML 92Page - Silicon Laboratories EFP01 Datasheet HTML 93Page - Silicon Laboratories EFP01 Datasheet HTML 94Page - Silicon Laboratories EFP01 Datasheet HTML 95Page - Silicon Laboratories EFP01 Datasheet HTML 96Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 158 page
background image
6.2 Register Description
6.2.1 STATUS_G
Offset
Bit Position
0x00
7
6
5
4
3
2
1
0
Reset
0
0
0
0
0
0
0
0
Access
Name
Table 6.1. STATUS_G
Bit
Name
Reset
Access
Description
7
VDD_LOW
0
read-write
Status flag indicating VDDB (or VDDA if
CC_MODE.SC_MODE=1) has fallen below threshhold
programmed in ADC_LIMITS.ADC_V_LIM since last clear.
This flag requires ADC_CC_CTRL.ADC_INTERVAL be
set to a non-zero value to ensure automatic periodic ADC
readings are taken.
Note this flag is masked by default - set corresponding bit
in the STATUS_GM register to unmask.
Can be cleared by writing a "1".
6
CCC_ISDONE
0
read-write
Status flag indicating coloumb counter calibration has
completed since last clear.
Note this flag is masked by default - set corresponding bit
in the STATUS_GM register to unmask.
Can be cleared by writing a "1".
5
CC_FULL
0
read-write
Status flag indicating any coloumb counter is over its pro-
grammed threshold (set by CC_CTRL>CC_THRSH) since
last clear.
Note this flag is masked by default - set corresponding bit
in the STATUS_GM register to unmask.
Can be cleared by writing a "1".
4
VOLT_FAULT
0
read-write
Status flag indicating any unmasked assertion of any flag
in the STATUS_V register. To minimize firmware over-
head, the VOLT_FAULT flag allows firmware to simply
read a single status register (STATUS_G) on an IRQ
event. Firmware would only need to read the STATUS_V
register after determing the STATUS_G.VOLT_FAULT
was set.
Note this flag is masked by default - set corresponding bit
in the STATUS_GM register to unmask.
Can be cleared by writing a "1".
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com