Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 5 Page - STMicroelectronics

  L99MH98 Datasheet HTML 1Page - STMicroelectronics L99MH98 Datasheet HTML 2Page - STMicroelectronics L99MH98 Datasheet HTML 3Page - STMicroelectronics L99MH98 Datasheet HTML 4Page - STMicroelectronics L99MH98 Datasheet HTML 5Page - STMicroelectronics L99MH98 Datasheet HTML 6Page - STMicroelectronics L99MH98 Datasheet HTML 7Page - STMicroelectronics L99MH98 Datasheet HTML 8Page - STMicroelectronics L99MH98 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 147 page
background image
#
Name
Function
19
GH7
GH7 gate high-side 7: analog output pin to turn on/off high-side MOSFET 7. Connect to the gate of the high
side
20
SH7
SH7 source high-side 7: connection to source of high-side MOSFET 7
21
GL7
GL7 gate low-side 7: analog output pin to turn on/off low-side MOSFET 7. Connect to the gate of the low side
22
GL8
GL8 gate low-side 8: analog output pin to turn on/off low-side MOSFET 8. Connect to the gate of the low side
23
SH8
SH8 source high-side 8: connection to source of high-side MOSFET 8
24
GH8
GH8 gate high-side 8: analog output pin to turn on/off high-side MOSFET 8. Connect to the gate of the high
side
25 DIODE4 External diode control 4
26 DIODE3 External diode control 3
27
CP1P
CP1P:positive connection to charge pump capacitor 1
28
CP1N
CP1N: negative connection to charge pump capacitor 1
29
CP2N
CP2N: negative connection to charge pump capacitor 2
30
CP2P
CP2P: Positive connection to charge pump capacitor 2
31 CPOUT CPOUT: Charge pump output
32
VDH
VDH input pin
33
GND
GND Ground connection
34
SL
SL source low-side: common connection to the source of the low-side MOSFETs
35 DIODE2 External diode control 2
36 DIODE1 External diode control 1
37
GH4
GH4 gate high-side 4: analog output pin to turn on/off high-side MOSFET 4. Connect to the gate of the high
side
38
SH4
SH4 source high-side 4: connection to source of high-side MOSFET 4
39
GL4
GL4 gate low-side 4: analog output pin to turn on/off low-side MOSFET 4. Connect to the gate of the low side
40
GL3
GL3 gate low-side 3: analog output pin to turn on/off low-side MOSFET 3. Connect to the gate of the low side
41
SH3
SH3 source high-side 3: connection to source of high-side MOSFET 3
42
GH3
GH3 gate high-side 3: analog output pin to turn on/off high-side MOSFET 3. Connect to the gate of the high
side
43
GH2
GH2 gate high-side 2: analog output pin to turn on/off high-side MOSFET 2. Connect to the gate of the high
side
44
SH2
SH2 source high-side 2: connection to source of high-side MOSFET 2
45
GL2
GL2 gate low-side 2:analog output pin to turn on/off low-side MOSFET 2. Connect to the gate of the low side
46
GL1
GL1 gate low-side 1: analog output pin to turn on/off low-side MOSFET 1. Connect to the gate of the low side
47
SH1
SH1 source high-side 1: connection to source of high-side MOSFET 1
48
GH1
GH1 gate high-side 1: analog output pin to turn on/off high-side MOSFET 1. Connect to the gate of the high
side
-
E.P.
Exposed pad connected to ground on the application board
L99MH98
Block diagram and pin description
DS14611 - Rev 3
page 5/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com