Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 52Page - STMicroelectronics L99MH98 Datasheet HTML 53Page - STMicroelectronics L99MH98 Datasheet HTML 54Page - STMicroelectronics L99MH98 Datasheet HTML 55Page - STMicroelectronics L99MH98 Datasheet HTML 56Page - STMicroelectronics L99MH98 Datasheet HTML 57Page - STMicroelectronics L99MH98 Datasheet HTML 58Page - STMicroelectronics L99MH98 Datasheet HTML 59Page - STMicroelectronics L99MH98 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 147 page
background image
•
Frame n+1
–
SDI:
◦
Bit 23 = 0 or 1 (read or write command on the OpCode)
◦
Bit 22 = Not used
◦
Bits 21 to 16 = Address of the register to read or write
◦
Bits 15 to 1 = Data to write (if write command was chosen) or all ‘0’ (if read command was
chosen)
◦
Bit 0 = Parity bit
–
SDO:
◦
Bit 23 = 0 (no SPI error or RESET in the previous access)
◦
Bit 22 = GSBN bit (0 = Fault)
◦
Bits 21 to 16 = Address of the register selected in the previous frame (n)
◦
Bits 15 to 1 = Data value of the register selected in the previous frame (n)
◦
Bit 0 = Parity bit
Figure 39. Access while an internal fault happens scenario
Frame n
Read or
Write cmd
Address of the register
to read reg1
Status register bit15, bit14 and bit1 are set to ‘0’  no fault, no reset
Data field
Internal device
fault happens
Frame n+1
SPI Error or RESET
0 means:
No SPI error in previous access (frame n-1)
No reset before this access
GSBN: 0 means fault is present
at CS falling edge of frame n+1
Address reg1, selected by SDI
during previous frame (n)
Data value of reg1 (selected by SDI during previous
frame (n)) saved at frame n+1 cs falling
new command
Address reg2
Data to write into reg2
L99MH98
Serial peripheral interface (SPI)
DS14611 - Rev 3
page 56/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com