Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 29Page - STMicroelectronics L99MH98 Datasheet HTML 30Page - STMicroelectronics L99MH98 Datasheet HTML 31Page - STMicroelectronics L99MH98 Datasheet HTML 32Page - STMicroelectronics L99MH98 Datasheet HTML 33Page - STMicroelectronics L99MH98 Datasheet HTML 34Page - STMicroelectronics L99MH98 Datasheet HTML 35Page - STMicroelectronics L99MH98 Datasheet HTML 36Page - STMicroelectronics L99MH98 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 147 page
background image
Figure 17. Extract of application diagram for temperature measurement
EN
2x
2x
GH5
/6
SH5
/6
GL5
/6
GH7/8
SH7/8
GL7/8
SL
PWM1
PWM2
PWM3
CSO1
CSO2
DIODE3
DIODE4
DIODE1
DIODE2
CP
GND
M
M
VDH
µC (input)
µC (input)
VS
SH1
SH2
SH3
SH4
SH5
SH6
SH7
SH8
SL
VProtected
GND
DIODE3
GND
DIODE4
PGND
VDH
DIAGN
logic and
diagnostics
PWMx
controller
sample and hold
Muxer
and
Current
generator
and
ADC
If a more precise temperature measurement is required, two heat map methods can be adopted:
1. The first way is to measure the temperature difference between the H-bridge MOSFET and the point where
the diode(s) is soldered through the thermal map of the application board. The temperature difference
between the two points is then saved in the memory of the microcontroller as a corrective factor: each time the
microcontroller carries out the temperature measurement through the diode it applies the previously stored
correction factor to obtain a temperature measurement of the MOSFET closest to reality.
2. The second solution is to foresee places in the PCB where the diode(s) can be soldered in order to find the
best spot to sense the temperature. By making a heat map of the application board the user will be able to
discover the most suitable place where to put the thermal sensor. In this way the measurement made by the
diode will be the closest to real MOSFET temperature. In any case, a corrective factor, as foreseen in point 1,
can be considered. The thermal sensor(s) can also be used in the normal working mode for controlling the
maximum PCB temperature.
The monitor of the external 4 diodes/chains allows to detect steady, not fast, temperature raising of specific PCB
areas; a temperature control of the module can be also implemented via the external diodes.
4.2.4
H-bridge current calculation
After having known the temperature at which the H-bridge is working and having measured the Vds, the
microcontroller will be able to evaluate the working current. To do this, the microcontroller must follow two simple
calculations:
•
Calculate Rds(on) at working temperature. The microcontroller has in its memory the trend of the variation
curve of the Rds(on) in temperature: knowing the temperature, it can estimate the value of the Rds(on) at
the temperature in which the H bridge is working.
•
Calculate the current. At this point the microcontroller has calculated the value of the Rds(on) and has
acquired the measured value of the Vds: the current flowing in the bridge H is easily calculated as the ratio
between Vds/Rds(on).
4.3
Power ON/OFF
4.3.1
Three stages gate current
A tailored gate current strategy for the Ton/off of the external MOSFETs, called “three stages gate current”, has
been implemented in the L99MH98. Behavior is showed in the Figure 18.
The new gate current strategy is implemented in the following three stages:
L99MH98
Gates driver
DS14611 - Rev 3
page 33/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com