Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 62Page - STMicroelectronics L99MH98 Datasheet HTML 63Page - STMicroelectronics L99MH98 Datasheet HTML 64Page - STMicroelectronics L99MH98 Datasheet HTML 65Page - STMicroelectronics L99MH98 Datasheet HTML 66Page - STMicroelectronics L99MH98 Datasheet HTML 67Page - STMicroelectronics L99MH98 Datasheet HTML 68Page - STMicroelectronics L99MH98 Datasheet HTML 69Page - STMicroelectronics L99MH98 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 147 page
background image
Bit
Name
Description
8
CSOSIG1
CSO1 Vds mapping
0 = Vds of the HSx mapped on CSO1 (to use in combination with CSOSHx)
1 = Vds of the LSx mapped on CSO1 (to use in combination with CSOSHx)
Table 53. CSO_CFG (0x05) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
1 (RW)
0 (RW)
0 (RW)
0 (RW)
CSOEN2
CSOEN1
CSOSH2 [2]
CSOSH2 [1]
CSOSH2 [0]
CSOSH1 [2]
CSOSH1 [1]
CSOSH1 [0]
CSO2
enable
CSO1
enable
HSx mapping
on CSO2 [2]
HSx mapping
on CSO2 [1]
HSx mapping
on CSO2 [0]
HSx mapping
on CSO1 [2]
HSx mapping
on CSO1 [1]
HSx mapping
on CSO1 [0]
Table 54. CSO_CFG (0x05) LSB description
Bit
Name
Description
7
CSOEN2
CSO2 enable
0 = CSO2 output disabled
1 = CSO2 output enabled
6
CSOEN1
CSO1 enable
0 = CSO1 output disabled
1 = CSO1 output enabled
5
CSOSH2 [2]
Vds of HSx mapping on CSO2
000 = Vds of HS1 mapped on CSO2
001 = Vds of HS2 mapped on CSO2
010 = Vds of HS3 mapped on CSO2
011 = Vds of HS4 mapped on CSO2
100 = Vds of HS5 mapped on CSO2
101 = Vds of HS6 mapped on CSO2
110 = Vds of HS7 mapped on CSO2
111 = Vds of HS8 mapped on CSO2
4
CSOSH2 [1]
3
CSOSH2 [0]
2
CSOSH1 [2]
Vds of HSx mapping on CSO1
000 = Vds of HS1 mapped on CSO1
001 = Vds of HS2 mapped on CSO1
010 = Vds of HS3 mapped on CSO1
011 = Vds of HS4 mapped on CSO1
100 = Vds of HS5 mapped on CSO1
101 = Vds of HS6 mapped on CSO1
110 = Vds of HS7 mapped on CSO1
111 = Vds of HS8 mapped on CSO1
1
CSOSH1 [1]
0
CSOSH1 [0]
Table 55. DIODE_CFG (0x06) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
L99MH98
SPI Registers
DS14611 - Rev 3
page 66/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com