Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 79 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 75Page - STMicroelectronics L99MH98 Datasheet HTML 76Page - STMicroelectronics L99MH98 Datasheet HTML 77Page - STMicroelectronics L99MH98 Datasheet HTML 78Page - STMicroelectronics L99MH98 Datasheet HTML 79Page - STMicroelectronics L99MH98 Datasheet HTML 80Page - STMicroelectronics L99MH98 Datasheet HTML 81Page - STMicroelectronics L99MH98 Datasheet HTML 82Page - STMicroelectronics L99MH98 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 147 page
background image
Table 102. HB1_MODE_CONFIG (0x10) LSB description
Bit
Name
Description
7
HB_IDIAG1 [0]
Half bridge 1 diagnostic currents setting
00 = Pull-up and pull-down currents off
01 = Pull-up current off and pull-down current on
10 = Pull-up current on and pull-down current off
11 = Pull-up and pull-down currents off
6
HB_PWM1 [2]
PWM mapping on HB1
This 3 bits register is used to indicate which PWM signal is applied to the HS or LS of the half-bridge 1
000 = LS of HB mapped on PWM1
001 = LS of HB mapped on PWM2
010 = LS of HB mapped on PWM3
011 = HS of HB mapped on PWM1
100 = HS of HB mapped on PWM2
101 = HS of HB mapped on PWM3
110 = 111 = No Mapped
5
HB_PWM1 [1]
4
HB_PWM1 [0]
3
HB_MODE1 [1] HB1 functionality mode
00 = LS and HS of the HB1 are kept off
01 = LS of the HB1 is ON (static, no PWM), HS of the HB1 is OFF
10 = HS of the half bridge 1 is ON (static, no PWM), LS of the half bridge is OFF
11 = LS or HS of the half-bridge is ON according to the HB_PWM1 register
2
HB_MODE1 [0]
1
HB_WHEEL1 [1] HB1 free-wheeling mode
00 = 11 = No mapping
01 = Active free-wheeling on HS of the HB
10 = Active free-wheeling on LS of the HB
0
HB_WHEEL1 [0]
Table 103. HB1_DRIVER_CFG (0x11) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
RES
VSTEP2_CONF1
[1]
VSTEP2_CONF1
[0]
ISTEP3_CONF1
[3]
ISTEP3_CONF1
[2]
ISTEP3_CONF1
[1]
ISTEP3_CONF1
[0]
Reserved
HB1 Vstep1 and
Vstep2 conf [1]
HB1 Vstep1 and
Vstep2 conf [0]
HB1 Istep3 conf
[3]
HB1 Istep3 conf
[2]
HB1 Istep3 conf
[1]
HB1 Istep3 conf
[0]
Table 104. HB1_DRIVER_CFG (0x11) MSB description
Bit
Name
Description
14
RES
Reserved bit
13
VSTEP2_CONF1 [1]
Vstep1 and Vstep2 thresholds configuration of the HB1
These two bits set the Vstep1 and Vstep2 thresholds of the HB1
00: Vstep1 = 1.1 V, Vstep2 = 2.67 V for the switch ON
00: Vstep1 = 1.3 V, Vstep2 = 3.33 V for the switch OFF
01: Vstep1 = 1.1 V, Vstep2 = 3.56 V for the switch ON
01: Vstep1 = 1.3 V, Vstep2 = 4.44 V for the switch OFF
10: Vstep1 = 2.2 V, Vstep2 = 4.45 V for the switch ON
10: Vstep1 = 2.6 V, Vstep2 = 5.55 V for the switch OFF
12
VSTEP2_CONF1 [0]
L99MH98
SPI Registers
DS14611 - Rev 3
page 79/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com