Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 4Page - STMicroelectronics L99MH98 Datasheet HTML 5Page - STMicroelectronics L99MH98 Datasheet HTML 6Page - STMicroelectronics L99MH98 Datasheet HTML 7Page - STMicroelectronics L99MH98 Datasheet HTML 8Page - STMicroelectronics L99MH98 Datasheet HTML 9Page - STMicroelectronics L99MH98 Datasheet HTML 10Page - STMicroelectronics L99MH98 Datasheet HTML 11Page - STMicroelectronics L99MH98 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 147 page
background image
3. The Rthj-case is retrieved according to MIL-STD-883E referring to thermal testing method.
2.4
Electrical characteristics
2.4.1
Supply, supply monitoring and current consumption
VDH = 6 V to 28 V; VDD = 3.0 V to 5.5 V, Tj = -40 °C to 150 °C, all voltages are referred to ground and currents are
assumed positive when flow into the pin (unless otherwise specified).
Table 7. Supply, supply monitoring and current consumption
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VDH
High-side drain voltage
6
-
28
V
VSL
SL operative voltage range
-0.3
-
0.5
V
VSH
SH operative voltage range
-0.3
-
VDH
V
VDH_ext
High-side drain voltage extended range(1)
5
-
6
V
VDD
I/O supply voltage
3
-
5.5
V
IDD
VDD DC supply current
VDH = 13.5 V
VDD = 5 V
Active mode
5.5
9
9.5
mA
IDD_SDN
VDD quiescent supply current
VDD = 5 V
Reset mode
-
-
0.5
μA
IDH
VDH current consumption in active mode
VDH = 13 V
VDD = 5 V
Active mode
Outputs floating
-
40
50
mA
IDH
VDH current consumption in active mode
VDH = 6 V to 28 V
VDD = 5.0 V
Active mode
Outputs floating
-
48
60
mA
IDH_SDN
VDH quiescent supply current
VDH = 13 V
VDD = 0 V
Reset mode
Outputs floating
-
-
0.55
μA
VDHUV
VDH undervoltage threshold
VDHincreasing/decreasing
4
-
4.5
V
VDHUV_hyst
VDH undervoltage hysteresis
0.04
-
0.2
V
VDHOVT1_LH
VDH overvoltage threshold 1 LH
VDH increasing
19
-
21
V
VDHOVT1_HL
VDH overvoltage threshold 1 HL
VDH decreasing
18.4
-
20.4
V
VDHOVT2_LH
VDH overvoltage threshold 2 LH
VDH increasing
29
-
33
V
VDHOVT2_HL
VDH overvoltage threshold 2 HL
VDH decreasing
28.5
-
32.5
V
VDHOV2_hyst
VDH overvoltage threshold 2 hysteresis
Guaranteed by design
-
0.8
-
V
VDHOV1_hyst
VDH overvoltage threshold 1 hysteresis
Guaranteed by design
-
0.65
-
V
tUV_FILT
VDH undervoltage filter time
7
10
13
µs
tOV_FILT
VDH/VDD overvoltage filter time
7
10
13
µs
VDDOVT_LH
VDD overvoltage threshold LH
5.4
-
5.9
V
VDDOVT_HL
VDD overvoltage threshold HL
5.3
-
5.8
V
VDDhyst_OV
VDD overvoltage hysteresis
0.07
-
0.2
V
L99MH98
Electrical specifications
DS14611 - Rev 3
page 8/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com