Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 74 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 70Page - STMicroelectronics L99MH98 Datasheet HTML 71Page - STMicroelectronics L99MH98 Datasheet HTML 72Page - STMicroelectronics L99MH98 Datasheet HTML 73Page - STMicroelectronics L99MH98 Datasheet HTML 74Page - STMicroelectronics L99MH98 Datasheet HTML 75Page - STMicroelectronics L99MH98 Datasheet HTML 76Page - STMicroelectronics L99MH98 Datasheet HTML 77Page - STMicroelectronics L99MH98 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 147 page
background image
Table 85. DIAGCR1 (0x0D) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1 (RW)
1 (RW)
1 (RW)
1 (RW)
1 (RW)
1 (RW)
1 (RW)
1 (RW)
DGVDSHS8
DGVDSHS7
DGVDSHS6
DGVDSHS5
DGVDSHS4
DGVDSHS3
DGVDSHS2
DGVDSHS1
Diagnostic
enable
VDS_HS8 bit
Diagnostic
enable
VDS_HS7 bit
Diagnostic
enable
VDS_HS6 bit
Diagnostic
enable
VDS_HS5 bit
Diagnostic
enable
VDS_HS4 bit
Diagnostic
enable
VDS_HS3 bit
Diagnostic
enable
VDS_HS2 bit
Diagnostic
enable
VDS_HS1 bit
Table 86. DIAGCR1 (0x0D) LSB description
Bit
Name
Description
7
DGVDSHS8
Diagnostic VDS_HS8 enable control bit
Setting this bit enables VDS_HS8 status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDS_HS8 no mapped on DIAGN pin
1 = VDS_HS8 mapped on DIAGN pin
6
DGVDSHS7
Diagnostic VDS_HS7 enable control bit
Setting this bit enables VDS_HS7 status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDS_HS7 no mapped on DIAGN pin
1 = VDS_HS7 mapped on DIAGN pin
5
DGVDSHS6
Diagnostic VDS_HS6 enable control bit
Setting this bit enables VDS_HS6 status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDS_HS6 no mapped on DIAGN pin
1 = VDS_HS6 mapped on DIAGN pin
4
DGVDSHS5
Diagnostic VDS_HS5 enable control bit
Setting this bit enables VDS_HS5 status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDS_HS5 no mapped on DIAGN pin
1 = VDS_HS5 mapped on DIAGN pin
3
DGVDSHS4
Diagnostic VDS_HS4 enable control bit
Setting this bit enables VDS_HS4 status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDS_HS4 no mapped on DIAGN pin
1 = VDS_HS4 mapped on DIAGN pin
2
DGVDSHS3
Diagnostic VDS_HS3 enable control bit
Setting this bit enables VDS_HS3 status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDS_HS3 no mapped on DIAGN pin
1 = VDS_HS3 mapped on DIAGN pin
1
DGVDSHS2
Diagnostic VDS_HS2 enable control bit
Setting this bit enables VDS_HS2 status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDS_HS2 no mapped on DIAGN pin
1 = VDS_HS2 mapped on DIAGN pin
0
DGVDSHS1
Diagnostic VDS_HS1 enable control bit
Setting this bit enables VDS_HS1 status flag to be mapped on diagnostic output pin (DIAGN)
0 = VDS_HS1 no mapped on DIAGN pin
1 = VDS_HS1 mapped on DIAGN pin
L99MH98
SPI Registers
DS14611 - Rev 3
page 74/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com