Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 8Page - STMicroelectronics L99MH98 Datasheet HTML 9Page - STMicroelectronics L99MH98 Datasheet HTML 10Page - STMicroelectronics L99MH98 Datasheet HTML 11Page - STMicroelectronics L99MH98 Datasheet HTML 12Page - STMicroelectronics L99MH98 Datasheet HTML 13Page - STMicroelectronics L99MH98 Datasheet HTML 14Page - STMicroelectronics L99MH98 Datasheet HTML 15Page - STMicroelectronics L99MH98 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 147 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Ioffx
Gate sink current, only
ISTEP1x and ISTEP2x
ISTEP1_CONFx = ISTEP2_OFF_CONFx =
1110
-35%
40
35%
mA
Ionx
Gate source current
ISTEP1_CONFx = ISTEP2_CONFx = 1111
ISTEP3_CONFx = 0111
-25%
-42
+25%
mA
Ioffx
Gate sink current
ISTEP1_CONFx = ISTEP2_OFF_CONFx =
1111
ISTEP3_CONFx = 0111
-25%
37
+25%
mA
Ionx
Gate source current only
ISTEP3x
ISTEP3_CONFx = 1000
-25%
-52
+25%
mA
Ioffx
Gate sink current only
ISTEP3x
ISTEP3_CONFx = 1000
-25%
52
+25%
mA
Ionx
Gate source current only
ISTEP3x
ISTEP3_CONFx = 1001
-25%
-60
+25%
mA
Ioffx
Gate sink current only
ISTEP3x
ISTEP3_CONFx = 1001
-25%
60
+25%
mA
Ionx
Gate source current only
ISTEP3x
ISTEP3_CONFx = 1010
-25%
-68
+25%
mA
Ioffx
Gate sink current only
ISTEP3x
ISTEP3_CONFx = 1010
-25%
68
+25%
mA
Ionx
Gate source current only
ISTEP3x
ISTEP3_CONFx = 1011
-25%
-76
+25%
mA
Ioffx
Gate sink current only
ISTEP3x
ISTEP3_CONFx = 1011
-25%
76
+25%
mA
Ionx
Gate source current only
ISTEP3x
ISTEP3_CONFx = 1100
-25%
-84
+25%
mA
Ioffx
Gate sink current only
ISTEP3x
ISTEP3_CONFx = 1100
-25%
84
+25%
mA
Ionx
Gate source current only
ISTEP3x
ISTEP3_CONFx = 1101
-25%
-92
+25%
mA
Ioffx
Gate sink current only
ISTEP3x
ISTEP3_CONFx = 1101
-25%
92
+25%
mA
Ionx
Gate source current only
ISTEP3x
ISTEP3_CONFx = 1110
-25%
-104
+25%
mA
Ioffx
Gate sink current only
ISTEP3x
ISTEP3_CONFx = 1110
-25%
104
+25%
mA
Ionx
Gate source current only
ISTEP3x
ISTEP3_CONFx = 1111
-25%
-120
+25%
mA
Ioffx
Gate sink current only
ISTEP3x
ISTEP3_CONFx = 1111
-25%
120
+25%
mA
VGSHx Gate-on voltage
VDH = VSH = 6 V
ICP = -5 mA, DC measure GH-SH
VSHx +
6
-
-
V
VGSHx Gate-on voltage
VDH = VSH >= 8 V
ICP = -10 mA, DC measure GH-SH
VSHx +-
8
VSHx +
10
VSHx +
12
V
RGHx
Passive gate-pull-down
resistance
Resistance between gate HS and ground
when device is ON
-
1
-
MΩ
RSHx
Passive source-pull-down
resistance
Resistance between source HS and ground
when device is ON
-
1
-
MΩ
VGLx
Gate-on voltage
VSL = 0 V, VDH = 6 V
VSLx + 6
-
-
V
L99MH98
Electrical specifications
DS14611 - Rev 3
page 12/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com